PART |
Description |
Maker |
SMH4803DEK |
Distributed Power Hot-Swap Controller
|
Summit Microelectronics, Inc.
|
SMH4811A09 |
Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
|
Summit Microelectronics, Inc.
|
X24042 X24042P X24042P-2.7 X24042P-3 X24042PI X240 |
4K (512 x 8bit) serial E2PROM Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High
|
XICOR[Xicor Inc.]
|
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|
ADM1275-3ACPZ ADM1275-3ACPZ-R7 ADM1275-1ARQZ EVAL- |
Hot-Swap Controller and Digital Power
|
Analog Devices
|
MAX5902 MAX5902-MAX5903 MAX5903 MAX5902LBEUT-T MAX |
72V SOT23 Simple Swapper Hot-Swap Controllers 72V、SOT23/TDFN封装、Simple Swapper热插拔控制器 72V SOT23/TDFN Simple Swapper Hot-Swap Controllers 72 V, SOT23 simple swapper hot-swap controller
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ES1010SI EVB-ES1010SI |
12V Hot-Swap Power Distribution Controllers
|
Altera Corporation
|
MAX5913 MAX5913EMH MAX5914EMH MAX5914 |
48V Quad Hot-Swap Controllers For Power-Over-LAN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
X80001 |
Smart Power Plug Penta-Power Sequence Controller with Hot Swap 智能电源插头序控制器电源热插
|
Intersil, Corp.
|
MAX5929 MAX5927 |
Low-Voltage. Quad. Hot-Swap Controllers/Power Sequencers
|
Maxim Integrated Products, Inc.
|