PART |
Description |
Maker |
MOC3052V-M MOC3052VM MOC3051-M MOC3051SM MOC3051S- |
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MOC3051-M |
(MOC3051-M / MOC3052-M) 6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
|
Fairchild Semiconductor
|
DF11-10DEP-2C DF11-8DS-2V DF11-10DEP-2A DF11-10DEP |
2mm Double-Row Connector (Product Compliant to UL/CSA Standard) INDUCTOR, 3.3UH 2.64A CAB 27C 27#12 PIN RECP OPTOISO 400VDRM TRIAC OUT SMD OPTOISO 400VDRM TRIAC OUT 6-DIP 2mm Double-Row Connector (Product Compliant to UL/CSA Standard) 2mm的双排连接器(产品符合UL / CSA标准
|
HIROSE[Hirose Electric] http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
FODM3012 FODM3011 FODM3010 FODM3023 FODM3021 FODM3 |
4-pin Full Pitch MFP 400V Random Phase Triac Driver Output Optocoupler 4-pin Full Pitch MFP 250V Random Phase Triac Driver Output Optocoupler 4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|
MOC3010MNL |
6-Pin DIP 250V Random Phase Triac Driver Output Optocoupler 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
CT3053SL-G CT3052-G CT3052M-G CT3052MT2 CT3052S-G |
600V Random Phase 6-Pin Phototriac Optocoupler
|
CT Micro International ...
|
AM2964B/BQA AM2964B/BUA AM2964BPC AM2964BDMB AM296 |
3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-pin DIP package; A IR2132 packaged in a 28-Lead SOIC shipped on Tape and Reel 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2108 packaged in a 8-Lead PDIP DRAM控制 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a Lead-Free 28-Lead SOIC DRAM控制 Half Bridge Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2304 packaged in a 8-Lead SOIC DRAM控制
|
NXP Semiconductors N.V.
|
CT3010-5L-G |
250V/400V Random Phase 5-Pin Phototriac Optocoupler
|
CT Micro International ...
|
5338048-6 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; 6P. DIP SWITCH WITH ACTION PIN POSTS ( Tyco Electronics )
|
Tyco Electronics
|
AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC User Programmable Special Function ASIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC 用户可编ASIC的特殊功 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功
|
Amphenol, Corp.
|
H11N1 H11N1-M H11N1SR2VM H11N2 H11N2-M H11N3SM H11 |
6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS 6-Pin DIP Low Input Current Schmitt Trigger Output Optocoupler
|
FAIRCHILD[Fairchild Semiconductor]
|
TD3281 |
Random Phase Switching
|
Solid State Optronic
|