PART |
Description |
Maker |
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
2SC4634LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
VHV12-2.0K1000P VHV12-2.0K1000N |
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
|
Volgen Kaga Electronics...
|
2SA1831 0165 |
PNPTriple Diffused Planar Silicon Transistors High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system
|
Sanyo
|
2SA1413-Z |
High Voltage: VCEO=-600V High speed:tr 1.0ìs Collector to Base Voltage VCBO -600 V
|
TY Semiconductor Co., Ltd
|
2SC3645 |
High-Voltage Switching Applications Adoption of FBET Process High Breakdown Voltage (VCEO = 160V)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
2SC4476 |
NPN Triple Diffused Planar Silicon Transistor 1800V/10mA High-Voltage Amplifier, High-Voltage Switching Applications
|
Sanyo
|
PS2703-1 PS2703-1-V PS2703-2 PS2703-2-V PS2703-4 P |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
PS2703-1-F3-A PS2703-1-F3-K-A PS2703-1-F3-L-A PS27 |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
Duracell California Eastern Labs
|
2SC3306 E000824 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING/ HIGH SPEED DC-DC CONVERTER APPLICATION) From old datasheet system SWITCHING TEGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba
|