PART |
Description |
Maker |
MC68EN302 |
MC68EN302 Integrated Multiprotocol Processor w/ Ethernet Product Brief Integrated Multiprotocol Processor with Ethernet
|
Motorola
|
MC68000 MC68302 MC68302CFC16 MC68302CFC20 MC68302C |
INTEGRATED MULTIPROTOCOL PROCESSOR USER?? MANUAL Integrated Multiprotocol Processor User’s Manual Integrated Multiprotocol Processor Users Manual
|
MOTOROLA[Motorola, Inc]
|
MC68LC302CPU16 MC68LC302CPU16V MC68LC302PU16 MC68L |
Low Cost Integrated Multiprotocol Processor Product Brief Low Cost Integrated Multiprotocol Processor
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
LTC2844 |
3.3V Software-Selectable Multiprotocol Transceiver
|
Linear Technology
|
LTC1545CG LTC1545IG LTC1545C LTC1545I |
Software-Selectable Multiprotocol Transceiver
|
LINER[Linear Technology]
|
LTC2845CUNF |
3.3V software-selectable multiprotocol transceiver.
|
Linear Technology
|
XRT4000CV XRT4000 |
Universal Multiprotocol Serial Interface
|
Exar Corporation
|
XRT4500 |
Multiprotocol Serial Network Interface IC
|
Exar
|
PIC16CR54-LP/P PIC16CR54-LP/SO PIC16CR54-LP/SS PIC |
8-BIT MICROCONTROLLER Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Software-Selectable Multiprotocol Transceiver with Termination; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 8位微控制 Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 8位微控制
|
Microchip Technology, Inc. Vishay Intertechnology, Inc.
|
LTC1334IG-PBF LTC1334-15 |
Single 5V RS232/RS485 Multiprotocol Transceiver
|
Linear Dimensions Semiconductor Linear Technology
|