PART |
Description |
Maker |
HD74HC366RPEL |
Hex Bus Drivers (with 3-state outputs)
|
Renesas Electronics Corporation
|
MAX6900ETTNBSP MAX6900ETT |
Hex Bus Drivers With 3-State Outputs 16-CFP -55 to 125 塑封器件 PLASTIC ENCAPSULATED DEVICES
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX6902 MAX6902ETA-T |
Hex Bus Drivers With 3-State Outputs 16-CDIP -55 to 125 SPI兼容RTC,TDFN封装 SPI-Compatible RTC in a TDFN
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HD74HC368 |
Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
|
Hitachi Semiconductor
|
MA4082 MA4051 MAZ40390H MAZ4200 MAZ42000H MAZ42000 |
DO-34-A1 Oscillator; Frequency:14.31818MHz; Frequency Tolerance:30ppm; Load Capacitance:50pF; Supply Voltage:5V; Crystal Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Package/Case:14-DIP; No. of Pins:4 RoHS Compliant: Yes Hex Inverting Drivers 20-LCCC -55 to 125 Hex Inverting Drivers 14-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 Silicon planar type 33 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4-Bit Bidirectional Universal Shift Registers 16-CDIP -55 to 125 4.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 3.5 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 5.8 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8-Input Positive-NAND Gates 14-CDIP -55 to 125 7 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 8.2 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-34 Hex Drivers 14-CFP -55 to 125 18 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Hex Drivers 14-CDIP -55 to 125 17.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE USB interface embedded modem module V92, 56k data, fax and voice supports Linux, Windows, Mac O/S supports Linux CDC-ACM compliant Global telecom and safety compliant Small-signal device - Diodes - Zener Diodes
|
http:// Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
M74HC365 M74HC365B1R M74HC365C1R M74HC365F1R M74HC |
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING) HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
MM80C95 MM80C97 MM80C98 MM80C95N MM80C98N MM80C97M |
From old datasheet system 3-STATE Hex Buffers • 3-STATE Hex Inverters 3-STATE Hex Buffers 3-STATE Hex Inverters 3-STATE Hex Buffers 3-STATE Hex Inverters CMOS SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDIP16 3-STATE Hex Buffers 3-STATE Hex Inverters CMOS SERIES, 6-BIT DRIVER, TRUE OUTPUT, PDSO16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
DM74LS365A DM74LS365AM DM74LS365AN |
Hex 3-STATE Buffer/Bus Driver
|
FAIRCHILD[Fairchild Semiconductor]
|
C501 Q67127-C970 SAB-C501G-L40P SAB-C501G-L40N Q67 |
High Speed CMOS Logic 8-Input Multiplexer/Register with 3-State Outputs 20-PDIP -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Quad 2-Input OR Gates 14-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 8位CMOS微控制器 8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125
|
Infineon Technologies A... Infineon Technologies AG SIEMENS AG
|
TC74AC367FT TC74AC367FN TC74AC367F TC74AC367P E004 |
HEX BUS BUFFER (3-STATE) From old datasheet system
|
Toshiba
|