PART |
Description |
Maker |
MAX1064BCEG MAX1064BEEG MAX1064ACEG MAX1060AEEI |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 400ksps. 5V. 8-/4-Channel. 10-Bit ADCs with 2.5V Reference and Parallel Interface 400ksps5V/4通道10位ADC,带2.5V电压基准及并行接
|
Maxim Integrated Products, Inc.
|
MAX1080 MAX1080ACUP MAX1080AEUP MAX1080BCUP MAX108 |
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference 10-bit analog-to-digital converters 300ksps/400ksps Single-Supply Low-Power 8-Channel Serial 10-Bit ADCs with Internal Reference From old datasheet system 300ksps/400ksps / Single-Supply / Low-Power / 8-Channel / Serial 10-Bit ADCs with Internal Reference
|
MAXIM - Dallas Semiconductor MAX1081 MAXIM[Maxim Integrated Products]
|
MAX1064BCEGT |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
|
MAXIM - Dallas Semiconductor
|
MAX1090AEEI MAX1092BCEG MAX1092BEEG |
400ksps / 5V / 8-/4-Channel / 10-Bit ADCs with 2.5V Reference and Parallel Interface 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
|
Maxim Integrated Products, Inc.
|
5962-8949702MZX 5962-8949701MZX 5962-8949701MYX 59 |
Fast Page Mode VRAM 300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference 快速页面模式显
|
Molex, Inc.
|
LTC1400C LTC1400IS8 |
Complete SO-8/ 12-Bit/ 400ksps ADC with Shutdown Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
|
Linear Technology Corporation
|
5962-8950304CA 5962-8950305PA 5962-8950303GC |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 模拟定时器电
|
Rochester Electronics, LLC
|
LTC1417 1417I |
Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O From old datasheet system
|
Linear
|
PI74FCT162244TSP PI74FCT162Q244DTB PI74FCT162Q244A |
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C Quad 4-Bit Buffer/Driver 4位缓冲器/驱动 20-Bit No Latency Delta Sigma ADCs with Differential Input and Differential Reference; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C
|
ON Semiconductor
|
SCH2602 |
350 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|