PART |
Description |
Maker |
K9F1208Q0A-XXB0 K9F1208Q0B K9F1208Q0A-DIB0 K9F1208 |
64M x 8 bit NAND flash memory, 2.7 - 3.6V 512Mb/256Mb 1.8V NAND Flash Errata 64M x 8 bit NAND flash memory, 1.70 - 1.95V 32M x 16 bit NAND flash memory, 2.7 - 3.6V 32M x 16 bit NAND flash memory, 1.70 - 1.95V
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
K9F5608U0M- K9F5608U0M-YCB0 K9F5608U0M-YIB0 |
From old datasheet system EEPROM,NAND FLASH,33MX8,CMOS,TSSOP,48PIN,PLASTIC 32M x 8 Bit NAND Flash Memory
|
Samsung Electronics Inc SAMSUNG[Samsung semiconductor]
|
K9F5608U0D K9F5608D0D-FCB0 K9F5608D0D-FIB0 K9F5608 |
32M x 8 Bit NAND Flash Memory
|
SAMSUNG[Samsung semiconductor]
|
K9F5608U0M-YCB0 K9F5608U0M-YIB0 |
32M x 8 Bit NAND Flash Memory
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
K9F5608UOC K9F5616DOC K9F5616UOC K9F5608QOC |
(K9F5608xOC / K9F5616xOC) 32M x 8 Bit 16M x 16 Bit NAND Flash Memory
|
Samsung semiconductor
|
K9K1208Q0C |
64M x 8 Bit / 32M x 16 Bit NAND Flash Memory
|
Samsung semiconductor
|
K9F5608UOC K9F56XXQ0C K9F5608D0C K9F5608D0C-D K9F5 |
32M x 8 Bit 16M x 16 Bit NAND Flash Memory
|
SAMSUNG[Samsung semiconductor]
|
KM29W040AT KM29W040AIT |
V(cc): 2.7 -3.6V; 512M x 8 bits NAND flash memory 512K x 8 bit NAND Flash Memory
|
Samsung semiconductor Samsung Electronic
|
K9F2808U0C-VIB0 K9F2808Q0C-DCB0 K9F2808U0C-DCB0 K9 |
16M x 8 Bit / 8M x 16 Bit NAND Flash Memory 16M x 8 Bit , 8M x 16 Bit NAND Flash Memory 1,600 × 8位,8米16位NAND闪存 16M X 8 FLASH 2.7V PROM, 30 ns, PBGA63
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MBM29F033C-90 MBM29F033C-90PTN MBM29F033C-90PTR MB |
FLASH MEMORY 32M (4M x 8) BIT
|
Fujitsu Microelectronics
|