PART |
Description |
Maker |
ISP1362 |
Single-chip Universal Serial Bus On-The-Go controller
|
Philips
|
ISP1161A1B ISP1161A1BM ISP1161A1BD ISP1161A1 |
Universal Serial Bus single-chip host and device controller
|
PHILIPS[Philips Semiconductors]
|
AT76C503A 1949S |
From old datasheet system Universal Serial Bus 11-megabit WLAN Media Access Controller AT76C503A single-chip MAC with ARM7TDMIRISC processor, integrated 6K x 32-bit Internal SRAM, 128 pin, TQFP Package, 3.3V operation.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
ISP1110 |
The ISP1110 is a Universal Serial Bus (USB) transceiver that supports Universal Asynchronous Receive
|
Philips Semiconductors
|
UPD720200AF1-DAP-A |
The μPD720200A is the second generation Universal Serial Bus 3.0 host controller, which complies with Universal Serial Bus 3.0 Specification, and Intel’s eXtensible Host controller interface
|
Renesas Electronics Corporation
|
CY28347ZC CY28347ZCT |
Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
|
SpectraLinear Inc
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
0894858202 |
Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar, Gold (Au) Flash
|
Molex Electronics Ltd.
|
0894858012 |
Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.50mm (.098), Without Mylar, Gold (Au) Flash
|
Molex Electronics Ltd.
|
89485-8101 0894858101 |
Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), With Mylar, 0.76μm (30μ) Gold (Au) Plating
|
Molex Electronics Ltd.
|
0894858001 89485-8001 |
Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), Without Mylar, 0.76μm (30μ) Gold (Au) Plating
|
Molex Electronics Ltd.
|
AT83C21GC |
GemCore Serial Lite PRO AT83C21GC is based on an Atmel C51 MCU and includes GemCore?Serial Lite Pro software. It is a single-chip ready-to-use pre-certified solution that can be quickly and easily integrated into any serial smart card reader.
|
ATMEL Corporation
|