PART |
Description |
Maker |
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
NTMS4705N |
Power MOSFET 30V, 12A, Single N Channel, SO8(30V, 12A锛????OSFET)
|
ON Semiconductor
|
IRF9953 IRF9953TR |
-30V Dual P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V/ Rds(on)=0.25ohm)
|
International Rectifier
|
NTMFS4120N |
Power MOSFET 30V, 31A, Single N Channel, SO8 Flat Lead(30V, 31A锛????OSFET)
|
ON Semiconductor
|
IRL3103L IRL3103S IRL3103STRR IRL3103STRL |
30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
|
IRF[International Rectifier]
|
STB3020L 6474 |
CSED, FLANGE KIT 400A -通道30V 0.019ohm - 40A采用D2PAK STripFET]功率MOSFET From old datasheet system N - CHANNEL 30V - 0.019 - 40A - D 2 PAK STripFET TM POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET N - CHANNEL 30V - 0.019W - 40A - D 2 PAK STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
IRF3709 IRF3709L IRF3709S IRF370B9L IRF370B9S F370 |
Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A? Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A 功率MOSFET(减振钢板基本\u003d 30V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 90A型? Power MOSFET(Vdss=30V/ Rds(on)max=9.0mohm/ Id=90A) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A?) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
|
International Rectifier, Corp. IRF[International Rectifier]
|
STS7PF30L |
P-CHANNEL 30V - 0.016 OHM - 7A SO-8 STRIPFET II POWER MOSFET P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STK85007 STK850 |
N-channel 30V - 0.0024Ω - 30A - PolarPAK? STripFET Power MOSFET nullN-channel 30V - 0.0024ヘ - 30A - PolarPAK㈢ STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STK80007 STK800 |
N-channel 30V - 0.006ヘ - 20A - PolarPAK㈢ STripFET⑩ Power MOSFET N-channel 30V - 0.006Ω - 20A - PolarPAK? STripFET Power MOSFET
|
STMicroelectronics
|