PART |
Description |
Maker |
IRFU9220 IRFR9220 IRFR9220TRR IRFR9220PBF IRFR9220 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package -200V Single P-Channel HEXFET Power MOSFET in a D-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A) 3.6 A, 200 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier] VISHAY INTERTECHNOLOGY INC
|
IRFB31N20DPBF IRFS31N20D IRFS31N20DTRR IRFS31N20DT |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRFS38N20D IRFS38N20DTRL IRFSL38N20D |
200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRFF9210 IRFF9210-15 |
Simple Drive Requirements HEXFET?TRANSISTORS HEXFET TRANSISTORS THRU-HOLE (TO-205AF) -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package
|
International Rectifier
|
IRFP250PBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRFP90N20DPBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IRF9240 IRF9240-15 |
Simple Drive Requirements TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.5ohm, Id=-11A) HEXFET?TRANSISTORS 200V, P-CHANNEL 11 A, 200 V, 0.58 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
IRF[International Rectifier]
|
IRLI630G |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier
|