PART |
Description |
Maker |
DPC-24-1000B20 DPC-10-1000B3 DPC-10-440B2 DPC-16-7 |
POWER TRANSFORMER, 24 VA POWER TRANSFORMER, 10 VA POWER TRANSFORMER, 4.4 VA POWER TRANSFORMER, 1.2 VA POWER TRANSFORMER, 1 VA Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP Pulse A Technitrol Company Pulse A Technitrol Comp...
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
TDA16846 TDA16847 TDA1684603 TDA16846-2 TDA16847-2 |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
|
Infineon Technologies AG
|
ICE1QS01G |
Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
|
Infineon Technologies AG
|
2SK2040 2SK2040JM 2SK2040-Z 2SK2040-Z-E1 2SK2040-Z |
High-freq. SW power supply, AC adapter power MOSFET SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
MCP-02D-0805 MCP-02S-08 MCP-02D-0803 MCP-02D-1403 |
2W Output Power Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
|
MicroPower Direct, LLC
|
GSM11 |
Low Power Medical Power Supplies 11 Watt AC/DC Universal Input Power Supply
|
SL Power Electronics
|
FLS2100XS |
The FLS-XS series of general lighting power controllers includes highly integrated power switches for medium - to high-power lumens applications.
|
List of Unclassifed Man...
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
2SB1054 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SB0936 2SB0936A 2SB936 2SB936A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
|