PART |
Description |
Maker |
AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A |
Dual Low Side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging x4 SRAM Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC x4SRAM
|
|
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
IR2301 IR2302 IR2304 IR2106 IR21064 IR21064PBF IR2 |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-lead SOIC package High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-lead SOIC package High and Low Side Driver, SoftTurn-On, Inverting Inputs in a 8-lead SOIC package High and Low Side Driver, SoftTurn-On, Inverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package HI and LO MOS Drivers in a 8-lead SOIC package HI and LO MOS Drivers in a 8-pin DIP package HIGH AND LOW SIDE DRIVER 高端和低端驱
|
IRF[International Rectifier] International Rectifier, Corp.
|
TLE82452-3SA TLE82452-3SA-15 |
2 Channel High-Side and Low-Side Linear Solenoid Driver IC
|
Infineon Technologies A...
|
DGD2181 DGD2181S8-13 |
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
|
Diodes Incorporated
|
IR2101S IR2101SPBF IR2102S IR2101 IR2102 IR2101PBF |
High and Low Side Driver, Inverting Inputs in a 8-lead SOIC package High and Low Side Driver, Noninverting Inputs in a 8-lead SOIC package High and Low Side Driver, Noninverting Inputs in a 8-pin DIP package High and Low Side Driver, Inverting Inputs in a 8-pin DIP package
|
IRF[International Rectifier]
|
L6398 L6398D L6398DTR |
SmartDRIVE HV Half Bridge driver High voltage high and low side driver
|
ST Microelectronics STMicroelectronics
|
IR2131 |
3 HIGH SIDE AND 3 LOW SIDE DRIVER
|
IRF[International Rectifier]
|
TLE7826G |
Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
|
Infineon Technologies AG
|
PS7122AL-2B-E3 PS7122AL-1B-E4 PS7122AL-1B-E3 PS712 |
3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2233 packaged in a 28-Lead PDIP FET-OUTPUT OPTOCOUPLER High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead PDIP Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead SOIC Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 场效应管输出光耦合 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a 28-Lead PDIP Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead PDIP
|
NEC Corp. Atmel, Corp. NEC, Corp.
|
TTLDM-65 LPSLDM-65 LDM-ACT-70 SMLDM-TTL-25 MDLDM-T |
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Quad High Side Micropower MOSFET Driver with Internal Charge Pump; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Tapped Delay Line 抽头延迟
|
Intersil, Corp. Analog Devices, Inc. TE Connectivity, Ltd. Microsemi, Corp. Microchip Technology, Inc.
|
|