PART |
Description |
Maker |
CD4504BMS FN3336 CD4504BKMSR |
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation; Temperature Range: -; Package: 16-FlatPack HEX TTL/CMOS TO CMOS TRANSLATOR, TRUE OUTPUT, CDFP16 From old datasheet system Single, Strobed, High Speed Differential Comparator with Push-Pull Outputs 8-SOIC 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MCSOH/AE40.6MHZ MCSOH/AE131.072MHZ MCSOH/AE32.768M |
CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 131.072 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32.768 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 132.7104 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 22.1184 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 144 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.2368 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 102.4 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 48 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 150 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 104 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 25 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 24 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 36.864 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 160 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 66.3552 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12.288 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10.15 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 18.432 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.7456 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 96 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS/LSTTL OUTPUT
|
Golledge Electronics, Ltd. GOLLEDGE ELECTRONICS LTD
|
KCO-760-4.9152MHZ-OUT21-STBY1 KCO-760-4.9152MHZ-OU |
CRYSTAL OSCILLATOR, CLOCK, 4.9152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.736 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 33.333 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 3.6864 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 80 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 9.8304 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 18.432 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 28.6363 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 2.048 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.31818 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 15.36 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35.716 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16.384 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 56.448 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35.328 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32.768 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 70 MHz, CMOS OUTPUT
|
Hokuriku Electric Industry Co., Ltd. HOKURIKU ELECTRIC INDUSTRY CO LTD
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
MAX4605 MAX4606 MAX4605CSE MAX4605CPE MAX4605ESE M |
5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5Ω、四路、SPST、CMOS模拟开 5з, Quad, SPST, CMOS Analog Switches 5ohm, Quad, SPST, CMOS Analog Switches 5?, Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
E0C6SB32Q14 E0C6S32 |
4-Bit Microcontroller Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,Event Counter(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较事件计数器))
|
爱普生(中国)有限公
|
SM1145BDE SM1145BDS SM1145BDV SM1145BDW SM1145BDX |
CMOS with Enable/ Disable, 3rd Overtone Crystal Used CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V) 2.5 V CMOS Clock Oscillators
|
Pletronics, Inc.
|
NMC27C64 NMC27C64N200 NMC27C64Q150 NMC27C64NE200 |
65 /536-Bit (8192 x 8) CMOS EPROM IC-64K CMOS PROM 8K X 8 EEPROM 5V, 200 ns, PDIP28 65,536-Bit (8192 x 8) CMOS EPROM 64KBit (8192 x 8) CMOS EPROM [Life-time buy]
|
Fairchild Semiconductor, Corp.
|
ADG601 ADG602 ADG602BRM ADG602BRT ADG601BRM ADG601 |
2 ohm CMOS -5 V/5 V/ SPST SWITCHES Tantalum Molded Capacitor; Capacitance: .22uF; Voltage: 35V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel 2 ohm CMOS -5 V/5 V, SPST SWITCHES 2.2 ohms CMOS ?5 V/5V, SPST Switches 2.2 ohms CMOS ?V/5 V, SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
E0C6S46 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位高级的、CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
|