PART |
Description |
Maker |
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
GAL20LV8 GAL20LV8D-3LJ GAL20LV8D-5LJ GAL20LV8D-7LJ |
Low Voltage E2CMOS PLD Generic Array Logic EE PLD, 5 ns, PQCC28 Low Voltage E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PQCC28
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
GAL20LV8ZD GAL20LV8ZD-15QJ GAL20LV8ZD-25QJ |
Low Voltage/ Zero Power E2CMOS PLD Generic Array Logic Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation
|
GAL16V8D-10LD_833 GAL16V8D-10LR_833 GAL16V8D-15LD_ |
High performance E2CMOS PLD generic array logic, 10ns High Performance E2CMOS PLD Generic Array Logic E2CMOS的可编程逻辑器件的高性能通用阵列逻辑
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
PAL12H6-2CFP01234 PAL12H6-2CFXXXXP01234 PAL12H6-2C |
OT PLD, 60 ns, MQFP20 OT PLD, MQFP20 OT PLD, 60 ns, CDIP20 OT PLD, 60 ns, PDIP20 OT PLD, 55 ns, PDIP20 OT PLD, 60 ns, PQCC20 OT PLD, 25 ns, PDIP20 OT PLD, MQCC20 OT PLD, PDIP20 OT PLD, CDIP20 OT PLD, 60 ns, MQCC20 OT PLD, PQCC20 OT PLD, 40 ns, CDIP20 OT PLD, 50 ns, CDIP24
|
Advanced Micro Devices, Inc. MONOLITHIC MEMORIES
|
XCR3064 DS036 XCR3064-12PC68I XCR3064-12PC84I XCR3 |
EE PLD, 10 ns, PQCC84 EE PLD, 12 ns, PQCC84 64 Macrocell CPLD(64瀹????????缂???昏??ㄤ欢) EE PLD, 12 ns, PQCC68 From old datasheet system Product Specification
|
Xilinx, Inc. XILINX INC
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LC5512MC-75F484I LC5512MC-75F256I LC5512MC-45QN208 |
EE PLD, 9.5 ns, PBGA484 EE PLD, 9.5 ns, PBGA256 EE PLD, 5.7 ns, PQFP208
|
LATTICE SEMICONDUCTOR CORP
|
PEEL18LV8Z-25 PEEL18LV8ZJ-25 PEEL18LV8ZJ-25L PEEL1 |
EE PLD, 35 ns, PDSO20 0.170 INCH, TSSOP-20 EE PLD, 35 ns, PDIP20 0.300 INCH, PLASTIC, DIP-20 EE PLD, 35 ns, PDSO20 0.300 INCH, LEAD FREE, SOIC-20 EE PLD, 35 ns, PDIP20 0.300 INCH, LEAD FREE, PLASTIC, DIP-20 EE PLD, 35 ns, PDSO20 0.170 INCH, LEAD FREE, TSSOP-20 EE PLD, 35 ns, PDSO20 0.300 INCH, SOIC-20 EE PLD, 25 ns, PQCC20 LEAD FREE, PLASTIC, LCC-20 EE PLD, 25 ns, PQCC20 PLASTIC, LCC-20 CMOS Programmable Electrically Erasable Logic Device 10 inputs 8 I/Os 8 registers 12 macro cells configurable 20 pins 2.7-3.6V zero power SPLD
|
Integrated Circuit Technology Corp ANACHIP[Anachip Corp]
|
8600V ISPLSI8600V-90LB272 ISPLSI8600V-125LB492 ISP |
3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 24 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 24 ns, PBGA272 GT 14C 14#16 SKT RECP LINE EE PLD, 16 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD 3.3在系统可编程SuperBIG⑩高密度可编程逻辑器件 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 13.5 ns, PBGA492
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
|