PART |
Description |
Maker |
DS1982-F3 |
1-kbit Add-Only iButton 1千位只添加iButton 1-kbit Add-Only iButton 1K位只添加iButton®
|
Maxim Integrated Products, Inc.
|
DS2501-UNW DS2502-UNW |
UniqueWare Add Only Memory(专用只加存储 UniqueWare Add Only Memory(专用只加存储 512 X 1 OTPROM, PBCY3 UniqueWare Add Only Memory(专用只加存储 128 X 8 OTPROM, PBCY3
|
Maxim Integrated Products, Inc.
|
FM25C160B FM25C160B-GTR FM25C160B-G |
SPECIALTY MEMORY CIRCUIT, PDSO8 16Kb Serial 5V F-RAM Memory
|
http:// Ramtron International Corporation
|
IRKD56 IRKD56_04A IRKD56_06A IRKD56_08A IRKD56_10A |
ADD-A-pak GEN V Power Modules 地址给柏V电源模块 ADD-A-pak GEN V Power Modules 地址给柏根V电源模块 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 地址给柏根V电源模块 (IRKJ56 / IRKJ71) ADD-A-pak GEN V Power Modules 800V Common Cathode in a ADD-A-Pak package 800V Doubler in a ADD-A-Pak package 800V Single Diode in a ADD-A-Pak package 1600V Common Cathode in a ADD-A-Pak package 1600V Doubler in a ADD-A-Pak package 1600V Single Diode in a ADD-A-Pak package 1600V Common Anode in a ADD-A-Pak package 1200V Common Cathode in a ADD-A-Pak package 1400V Common Cathode in a ADD-A-Pak package 1000V Common Cathode in a ADD-A-Pak package 800V Common Anode in a ADD-A-Pak package 1200V Doubler in a ADD-A-Pak package 1200V Single Diode in a ADD-A-Pak package 1000V Doubler in a ADD-A-Pak package 1200V Common Anode in a ADD-A-Pak package 1400V Doubler in a ADD-A-Pak package 1400V Single Diode in a ADD-A-Pak package 1400V Common Anode in a ADD-A-Pak package 1000V Single Diode in a ADD-A-Pak package 1000V Common Anode in a ADD-A-Pak package ADD-A-pak GEN V Power Modules
|
International Rectifier, Corp. IRF[International Rectifier]
|
FM25C160C FM25C160C-G FM25C160C-GTR |
16Kb Serial 5V F-RAM Memory
|
http://
|
FM25L16 FM25L16-DG FM25L16-G FM25L1606 |
16Kb FRAM Serial 3V Memory
|
Ramtron International Corporation
|
FM24C16B-G FM24C16B-GTR |
16Kb Serial 5V F-RAM Memory
|
Cypress Semiconductor
|
FM25C160B13 |
16Kb Serial 5V F-RAM Memory
|
Cypress Semiconductor
|
ST25E16 ST24E16 ST24EB3TR ST24EB6TR ST24EM1TR ST24 |
SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 16K (2K X 8) EEPROM 16 Kbit Serial I 2 C EEPROM with Extended Addressing (ST24E16 / ST25E16) 16 Kbit Serial I2C EEPROM with Extended Addressing CONFIGURATION DEVICE, 16MBIT,UBGA88; Memory type:Configuration FLASH; Interface type:Serial, Parallel; Memory size:16Mbit; Memory configuration:2MB; Time, access:90ns; Frequency:66.7MHz; Temp, op. min:0(degree C); Temp, op. RoHS Compliant: Yes 16 Kbit Serial I2C EEPROM with Extended Addressing 16千位串行I2C EEPROM,带有扩展寻址
|
http:// ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
DS2502 |
1Kb Add-Only Memory
|
Maxim Integrated Products
|