PART |
Description |
Maker |
BCM3116 |
QAMLINK RECEIVER QAMLink® 64/256-QAM ITU-B Receiver
|
Electronic Theatre Controls, Inc. ETC Broadcom Corporation.
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
ISD1100P ISD1100X ISD1112 ISD1110 ISD1120 ISD1110P |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时12秒)) 单芯片语音记播放设备(单芯片的持续时12秒)(单片的录音/录音重放器(一片信息存储持续时12秒) Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations(单片声音录音/回放芯片(单片信息存储持续时间12秒钟)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒)) SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES RES POWER .360 OHM 1W 5% SMT
|
List of Unclassifed Manufacturers Winbond Electronics, Corp. Winbond Electronics Corp ETC Electronic Theatre Controls, Inc.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
LC66506 LC66506B LC66P516 LC66354B LC66356B LC6635 |
4-BIT, MROM, 4.3 MHz, MICROCONTROLLER, PDIP64 6K-Byte/8K-Byte ROM-Contained Single-Chip 4-bit Microcomputer for Control-Oriented Applications Four-Bit Single-Chip Microcontrollers with 4/ 6/ and 8 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
M37270 M37270MF M37270MF-168SP |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER Single Chip 8 Bits Microcomputer(8位单片机)
|
Mitsubishi Electric Corporation
|
LC5872 LC5874 LC5876 LC5873 |
Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 12 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAM2K位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 6 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 4 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 8 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM 4-Bit Single-Chip Microcontrollers with LCD Driver, 12KB/8KB/6KB/4KB ROM, 1KB RAM on chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|