PART |
Description |
Maker |
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|
AM29LV800BT80WBC AM29LV800BT70RWBC AM29LV800BT90WB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 80 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 80 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 80 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 3V PROM, 90 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
http:// Advanced Micro Devices, Inc.
|
AM29BDD160GT54DKI AM29BDD160GB64CKI AM29BDD160GB65 |
16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 64 ns, PQFP80 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 67 ns, PQFP80 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位 M中的x 16-bit/512亩32位).5伏的CMOS只突发模式,双启动,同步写闪 16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV400B-100WAC AM29LV400B-100WACB AM29LV400B-10 |
PTSE 6C 6#20 SKT RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Metal; Series:MS C-26482 Series I; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3120; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No FEEDTHRU CAPACITOR, 470PF 4A 100VFEEDTHRU CAPACITOR, 470PF 4A 100V; Capacitance:0.47nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, CAP 0.47UF 50V 50-20% X7R SMD-0612 TR-7 PLATED-NI/SN HC-FEEDTHRU PTSE 3C 3#20 PIN RECP 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 150 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 90 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
AM41PDS3228DT10IS AM41PDS3228DB10IT AM41PDS3228DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM29DL800BB120SF AM29DL800BB70SF AM29DL800BB90SF A |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc.
|
AM29F800BB-120EE AM29F800BB-55ED |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
http://
|
AM29LV800DB-120 AM29LV800DB-120EC AM29LV800DB-120E |
8 MEGABIT (1 M X 8-BIT/512 K X 16-BIT) CMOS 3.0 VOLT-ONLY BOOT SECTOR FLASH MEMORY
|
AMD[Advanced Micro Devices]
|
AM29DL400BT-70EE AM29DL400BT-70EEB AM29DL400BT-70E |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only/ Simultaneous Operation Flash Memory
|
Advanced Micro Devices
|
AM29F400BT-45SE0 AM29F400BB-45SE0 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices
|
|