PART |
Description |
Maker |
IDM29811JM/883 IDM29811NC |
Sequential Address Generator 顺序地址发生
|
Electronic Theatre Controls, Inc.
|
DMA2286 DMA2275 |
DMA 2275, DMA 2286 C/D/D2-MAC Descrambler
|
MICRONAS[Micronas]
|
SAB82C258A-20-N SAB82C257-1-N SAB82C258A-12-N |
Advanced DMA Controller for 16-Bit Microcomputer Sytems (ADMA) 4 CHANNEL(S), 20 MHz, DMA CONTROLLER, PQCC68
|
SIEMENS AG
|
VAC068 VAC068A VAC068A-BC VAC068A-GC VAC068A-GI VA |
VMEbus Address Controller LJT 128C 128#22D PIN PLUG VMEbus Address Controller VME BUS CONTROLLER, CQFP160 VMEbus Address Controller VME总线地址控制 VMEbus Address Controller VME BUS CONTROLLER, CPGA145
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
STR910F STR911F STR912F |
ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA(带Ethernet, USB, CAN, AC电动机控 4个定时器, ADC, RTC, DMA ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA(带CAN,USB,9xDMA,内部FLASH和RAM的ARM9E)
|
意法半导
|
HS9-82C37ARH-8 HS1-82C37ARH-Q |
Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Radiation Hardened CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 5 MHz, DMA CONTROLLER, CDIP40
|
Intersil Corporation Intersil, Corp.
|
FX403 FX403-Q |
QTC Address and Data Encoder/Decoder QTC ADDRESS & DATA
|
CONSUMER MICROCIRCUITS LIMITED CML Microcircuits
|
SP5502 SP5502FKGMPAS SP5502SKGMPAS |
1.3GHz I2C BUS 4-Address Synthesiser 1.3GHz IIC Bus 4-Address Synthesiser(1.3GHz IIC总线的频率合成器(带4条可编程IIC总线地址
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
UM8237AE |
Programmable DMA Controller
|
UMC
|
AN4104 |
Using the STM32F0xx DMA controller
|
STMicroelectronics
|
AM9517A-4_BQA AM9517A_BQA P8327A-5B 5962-8757501QX |
Multimode DMA Controller
|
Intel AMD[Advanced Micro Devices]
|
MSM82C37B-5GS MSM82C37B-5RS MSM82C37B-5VJS 82C37 |
PROGRAMMABLE DMA CONTROLLER
|
OKI electronic components OKI[OKI electronic componets]
|