PART |
Description |
Maker |
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
SC83C451CGA68 SC80C451CGA68 87C451 SC87C451CCA68 S |
DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51位单片机系列4K/128检察官办公光盘/无ROM,扩展的I / O 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ expanded I/O 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
|
NXP Semiconductors N.V. Philips Semiconductors
|
P89LPC933 P89LPC935FHN P89LPC936FDH P89LPC933FDH P |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
|
PHILIPS[Philips Semiconductors]
|
P89LPC932BA P89LPC932FDH P89LPC932BDH P89LPC932FHN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM 80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
|
PHILIPS[Philips Semiconductors]
|
P89LPC9321 P89LPC9321FA P89LPC9321FDH P89LPC9321FN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM, SOT117-1 (DIP28), Tube 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDIP28
|
NXP Semiconductors N.V.
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
P89C51RB2HBBD P89C51RB2HXX P89C51RC2 P89C51RB2HBA |
80C51 8-bit Flash microcontroller family 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P89LPC938 P89LPC938FA P89LPC938FDH P89LPC938FHN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
|
PHILIPS[Philips Semiconductors]
|
P89LPC954FBD48 P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
P89C61X2 |
80C51 8-bit Flash microcontroller family
|
Philips
|