PART |
Description |
Maker |
2SC945 2SA812 NTC2517 2SC2001 NTC2751 NTC2654 2SC1 |
TRANSISTOR,BJT,NPN,50V V(BR)CEO,100MA I(C),TO-92 TRANSISTOR,BJT,PNP,50V V(BR)CEO,100MA I(C),SOT-23VAR Transistor - Datasheet Reference TRANSISTOR,BJT,NPN,25V V(BR)CEO,700MA I(C),TO-92 TRANSISTOR,BJT,NPN,50V V(BR)CEO,100MA I(C),TO-236VAR From old datasheet system
|
NEC Electron Devices
|
2SB1202 2SD1802 2SD1802T 2SD1802U 2SB1202T |
High-Current Switching Applications TRANSISTOR,BJT,NPN,50V V(BR)CEO,3A I(C),TO-252 TRANSISTOR,BJT,PNP,50V V(BR)CEO,3A I(C),TO-252 From old datasheet system TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 3A I(C) | TO-252 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Corp
|
ZXT10N50DE6 ZXT10N50DE6TA ZXT10N50DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V NPN Low Sat Transistor 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 50V NPN硅低饱和开关晶体管
|
ZETEX[Zetex Semiconductors] Diodes Incorporated Zetex Semiconductor PLC
|
PG1523 PG1520 PG1522 PG1521 PG1500 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 20A I(C) | TO-3 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 20A I(C) | TO-3 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 20A I(C) | TO-3 晶体管|晶体管|叩| 30V的五(巴西)总裁|甲一(c)|
|
ON Semiconductor
|
2N1493 2N1410 2N335 2N337 2N333 2N2537 2N3510 2N36 |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | NPN | 25MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 10V V(BR)CEO | 500MA I(C) | TO-52 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 50MA I(C) | TO-72 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 6V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 7V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 800MA I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 300MA I(C) | TO-5
|
Weidmuller, Corp.
|
ZXT12N50DX ZXT12N50DXTA ZXT12N50DXTC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR Dual NPN Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2SC828 BFY39 MPS6565 MPS9602 2N4286 BC260 BC280 BC |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 100mA的一(c)|92 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|8 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 200MA I(C) | TO-92 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 500MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-98 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 100MA I(C) | TO-92 Cyclone FPGA 3K TQFP-144 Cyclone II FPGA 5K FBGA-256 Cyclone FPGA 3K TQFP-100 Cyclone FPGA 12K PQFP-240 Cyclone FPGA 4K FBGA-400 Stratix II FPGA 180K FBGA-1020 Stratix FPGA 25K FBGA-1020 Stratix II FPGA 15K FBGA-672 Stratix II GX FPGA 60K FPGA-780 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-92 ZENER DIODES Audio Frequency Small Signal Transistors
|
Semiconductor Technology Bourns, Inc. KEC Holdings Semiconductors
|
2SC4081 2SC2412 2SC2412K 2SC1740S 2SC5658 2SC4617 |
2SC4097 / 2SC1741S TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | SC-59 晶体管|晶体管|叩| 50V五(巴西)总裁| 150毫安一(c)|律师- 59 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | SC-70 2SC4097 / 2SC1741S Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
PN5249 PN5249A |
TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 100MA I(C) | TO-92 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
CENTRAL SEMICONDUCTOR CORP
|
164-22 163-28 163-12 164-12 164-26 164-20 164-30 1 |
TRANSISTOR | BJT | NPN | 220V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 260V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 300V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 240V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 160V五(巴西)总裁|甲一c)| STR-5/16 晶体管|晶体管| npn型| 120伏特五(巴西)总裁|甲一c)| STR-5/16 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管|叩| 40V的五(巴西)总裁|甲一(c)| STR-5/16 TRANSISTOR | BJT | NPN | 280V V(BR)CEO | 20A I(C) | STR-5/16 晶体管|晶体管| npn型| 280伏特五(巴西)总裁|甲一(c)| STR-5/16
|
Ecliptek, Corp.
|
2SC1741AS 2SD1484 2SD1484K A5800323 2SC3359S 2SC33 |
50V,0.5A medium power transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W) Medium Power Transistor (50V, 0.5A) From old datasheet system Medium Power Transistor (50V/ 0.5A) SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | SPAK TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 500MA I(C) | SPAK SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁| 500mA的一(c)| SPAK
|
Rohm
|
2N3735CSM4 |
Medium Current NPN Silicon Annular TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 1A I(C) | LLCC
|
Seme LAB
|