PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1854 0171 |
PNP Epitaxial Planar Silicon Transistor 20V/5A Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1898 0180 |
PNP Epitaxial Planar Silicon Transistor DC/DC Converter Application From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1494 |
Silicon PNP Epitaxial Planar Transistor(硅PNP外延平面晶体 17 A, 200 V, PNP, Si, POWER TRANSISTOR Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SA1969 |
PNP Epitaxial Planar Silicon Transistor High-Frequency Medium-Output Amplifier,Medium-Current Ultrahigh-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC3951 2SA1536 0097 |
PNP Epitaxial Planar Silicon Transistors High-Definition CRT Display Video Output Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
RN4606 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
2SB1507 2SD2280 |
PNP Epitaxial Planar Silicon Transistors 50V/7A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1123 2SD1623 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD2282 2SB1509 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|