PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1813 0156 |
PNP Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Driver, Muting Circuit Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1815 |
PNP Epitaxial Planar Silicon Transistor FM, RF, MIX, IF Amplifier, High-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1523 0090 |
PNP Epitaxial Planar Silicon Transistors Switching Applications (with Bias Resistance) From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1508 2SD2281 |
PNP Epitaxial Planar Silicon Transistors 50V/12A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1469 2SC3746 |
PNP Epitaxial Planar Silicon Transistors 60V/5A High-Speed Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1204 2SD1804 |
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD613 2SB633 |
Epitaxial Planar Silicon Transistor 85V/6A, AF 25 to 35W Output Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1706 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
UP03312 |
Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2) 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp.
|
2SD1061 2SB825 |
PNP Epitaxial Planar Silicon Transistors 50V/7A Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|