PART |
Description |
Maker |
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1652 2SA1652K |
PNP epitaxial type silicon transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC] NEC Corp.
|
2SA1766 |
PNP Epitaxial Planar Silicon Transistor High hFE, Low-Frequency General-Purpose Amplifier Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1702 0122 |
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1854 0171 |
PNP Epitaxial Planar Silicon Transistor 20V/5A Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1765 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1898 0180 |
PNP Epitaxial Planar Silicon Transistor DC/DC Converter Application From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
MMBTH10 MMBTSA1037 MMBTSA1162 MMBTSA1182 1SS390 MM |
NPN Silicon VHF/UHF Transistor PNP Silicon Epitaxial Planar Transistor SILICON EPITAXIAL PLANAR DIODE NPN Silicon Epitaxial Planar Transistors SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE PNP SILICON EPITAXIAL POWER TRANSISTOR BAND SWITCHING DIODE SILICON EPITAXIAL PLANAR SWITCHING DIODE SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
|
SEMTECH ELECTRONICS LTD. SEMTECH ELECTRONICS LTD...
|
2SA1494 |
Silicon PNP Epitaxial Planar Transistor(硅PNP外延平面晶体 17 A, 200 V, PNP, Si, POWER TRANSISTOR Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SA1580 2SC4104 |
PNP Epitaxial Planar Silicon Transistors High-Definition CRT Display Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1706 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|