PART |
Description |
Maker |
19193-0198 19193-0186 19193-0205 19193-0170 19193- |
191930198 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-58) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (D-356-14T) COPPER ALLOY, RING TERMINAL D-351-38T RING VERSAKRIMP TAPE DBL SPACE COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-358-76) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):8; Stud Size:3/8; Insulator Color:Red; Series:RING VERSAKRIMP (D-352-38) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (F-370-34) COPPER ALLOY, RING TERMINAL 191930151 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-360-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-76) COPPER ALLOY, RING TERMINAL 191930254 COPPER ALLOY, RING TERMINAL Insulkrimp RingTongue Terminal, #10 Stud, 8AWG COPPER ALLOY, RING TERMINAL 191930218 COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
2SB170 2SB171 |
(2SB170 - 2SB175) Ge PNP Alloy Junction
|
ETC
|
19073-0244 19073-0233 19193-0105 19193-0094 19069- |
RING AVIKRIMP EXPD (C-840-56X) 5 mm2, COPPER ALLOY, RING TERMINAL 190730233 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (C-328-06T) 5 mm2, COPPER ALLOY, RING TERMINAL 191930094 5 mm2, COPPER ALLOY, RING TERMINAL RING KRIMPTITE (C-128-08) SPM 5 mm2, COPPER ALLOY, RING TERMINAL CONN RING TERM 1/2 10-12AWG 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (C-328-06) 5 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP EXPD (C-830-56X) 5 mm2, COPPER ALLOY, RING TERMINAL RING INSULKRIMP TAPED (C-230-10XT) 5 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
RN4606 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
19067-0006 19067-0016 19067-0085 19067-0040 19067- |
RING NYLAKRIMP FUNNEL ENTRY (D-950-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-969-12) COPPER ALLOY, WIRE TERMINAL 190670040 COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-14) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-56) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-951-38) COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):4; Stud Size:#10; Insulator Color:Yellow; Series:RING NYLAKRIMP (F-766-10) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-953-58) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (E-957-14) COPPER ALLOY, TIN FINISH, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (F-966-76) COPPER ALLOY, WIRE TERMINAL RING NYLAKRIMP FUNNEL ENTRY (D-950-56)
|
Molex, Inc. MOLEX INC
|
RN4608 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
Toshiba Semiconductor
|
2SA2102 |
Silicon PNP epitaxial planar type 3 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Panasonic, Corp. Panasonic Semiconductor
|
2SB774 2SB0774 |
Silicon PNP epitaxial planer type(For low-frequency amplification) 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
UNR9113J UNR9111J UNR911AJ UNR911DJ UN911EJ UNR911 |
Silicon PNP epitaxial planar type 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR Composite Device - Transistors with built-in Resistor
|
Panasonic, Corp.
|
SD2907A SD2907AF 2N3486A 2N2905 2N3486 SQ2907AF 2C |
Chip Type 2C2907A Geometry 0600 Polarity PNP 片式2C2907A几何0600极性进步党 Type 2N3486A Geometry 0600 Polarity PNP
|
SEMICOA[Semicoa Semiconductor]
|
2SA1603A |
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
|
Isahaya Electronics Corporation
|
2SA1602 |
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE (SUPER MINI TYPE)
|
Isahaya Electronics Corporation
|
|