PART |
Description |
Maker |
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
2SC5176 E001060 |
From old datasheet system NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER APPLICATIONS) HIGH CURRENT SWITCHING APPLICATIONS DC-DC CONCERTER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
2SK3084 EA09398 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N通道马鞍山型(高速,大电流开关,斩波调压器,DC - DC变换器和电机驱动应用 HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
LT1308 LT1308CS8 LT1308IS8 1308I LT1308AIS8 LT1308 |
High Current/ Micropower Single Cell/ 600kHz DC/DC Converters From old datasheet system Single Cell High Current Micropower 600kHz Boost DC/DC Converter SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
2SK1489 E001352 |
From old datasheet system N CHANNEL MOS TYPE (CHOPPER REGULATOR, HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS) CHOPPER REGULATOR APPLICATIONS HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
2SD1411A EE08318 |
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS) From old datasheet system HIGH CURRENT SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS
|
Toshiba Semiconductor
|
2SJ464 |
P CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING/ CHOPPOER REGULATOR/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) NTE Panel Mount Socket, Current Rating: 5 A, Voltage Rating: 120 V, Contact Termination: Solder, Features: 14 pin blade socket, 4PDT applications P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPOER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SD2271 E001173 |
NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER/ HIGH CURRENT SWITCHING APPLICATIONS) MOTOR DRIVE APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER, HIGH CURRENT SWITCHING APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
MMBT3904 SMBT3904 SMBT3904/MMBT3904 |
Switching Transistors - NPN Silicon Switching Transistor with high current gain
|
INFINEON[Infineon Technologies AG]
|
AP3843 AP3842N8 AP3842N8L AP3842S8 AP3842S8L AP384 |
0.7 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO8 HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
|
INTEGRATED CIRCUIT TECHNOLOGY CORP ANACHIP[Anachip Corp]
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|