PART |
Description |
Maker |
2SB1260R 2SB1260Q 2SB1241Q 2SB1181P |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | SOT-89 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | SIP 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1A条一(c)|园区 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-252AA 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1A条一(c)|52AA
|
Rohm Co., Ltd.
|
2N3776 2N3781 2N3774 2N3778 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-5 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1A条一(c)|
|
TE Connectivity, Ltd.
|
2N1080 2N5409 2N2202 2N4350 2N4242 2N3142 2N3141 2 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 5A I(C) | TO-111 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 70V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-10 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-36 Open-Drain SOT µP Reset Circuit TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 5A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-210AC 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 60mA的一(c)|1 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 350MA I(C) | TO-5 晶体管|晶体管|叩| 40V的五(巴西)总裁| 350mA的一(c)| TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 10A I(C) | STR-1/4 晶体管|晶体管|叩| 50V五(巴西)总裁| 10A条一(c)|个STR - 1 / 4 Open-Drain SOT µP Reset Circuit
|
Winbond Electronics, Corp.
|
2SB1548A 2SB1548 0249 2SB1548PQ 2SB1548APQ 2SB1548 |
2SB1548. 2SB1548A - PNP Transistor TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 3A I(C) | TO-220AB 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset From old datasheet system Power Transistors
|
Matsshita / Panasonic
|
ECG290A ECG300MP ECG293 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | TO-92 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 1.5A I(C) | TO-202 晶体管|晶体管|叩| 40V的五(巴西)总裁| 1.5AI(丙)|02 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 1A I(C) | TO-92VAR 晶体管|晶体管|叩| 50V五(巴西)总裁| 1A条一(c)|2VAR
|
Cypress Semiconductor, Corp. Murata Manufacturing Co., Ltd. TE Connectivity, Ltd.
|
2N2894 2N2818 2N2823 2N2892 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP SILICON TRANSISTOR TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 20A I(C) | STR-5/16 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 30A I(C) | STR-5/16
|
SEME-LAB[Seme LAB]
|
2N942 2N2330 2N2007 2N3317 2N2165 2N2162 2N2167 2N |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-5 Open-Drain SOT µP Reset Circuit TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 200MA I(C) | TO-46 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 200MA I(C) | TO-46 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | TO-46 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sumida, Corp.
|
ECG48 ECG52 ECG36 ECG36MP ECG37MCP ECG50 ECG47 ECG |
TRANSISTOR | BJT | DARLINGTON | NPN | 50V V(BR)CEO | 1A I(C) | TO-92VAR TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | 12A I(C) | TO-3VAR TRANSISTOR | BJT | PAIR | NPN | 140V V(BR)CEO | 12A I(C) | TO-3VAR TRANSISTOR | BJT | PAIR | COMPLEMENTARY | 140V V(BR)CEO | 12A I(C) | TO-3VAR 晶体管|晶体管|一对|互补| 140伏特五(巴西)总裁| 12A条一(c)|VAR TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | TO-202 晶体管|晶体管|进步党| 100V的五(巴西)总裁|甲一(c)|02 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 8A I(C) | TO-220AB
|
Electronic Theatre Controls, Inc. Xilinx, Inc.
|
2SB942A 0255 2SB942/2SB942A 2SB0942A2SB942A 2SB094 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 4A I(C) | TO-220AB 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 4A条一(c)| TO - 220AB现有 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 4A I(C) | TO-220AB Power Device - Power Transistors - General-Purpose power amplification 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors From old datasheet system
|
TE Connectivity, Ltd. Matsshita / Panasonic
|
BD140-25 BD136-25 BD138-25 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1.5A I(C) | TO-126 Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:3mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1.5A I(C) | TO-126 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1.5AI(丙)|126
|
Electronic Theatre Controls, Inc.
|