PART |
Description |
Maker |
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
2SD313 2SD313D |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-220AB 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有 POWER TRANSISTORS(3A/60V/30W) POWER TRANSISTORS(3A,60V,30W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
2SB507 2SB507F |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-220AB POWER TRANSISTORS(3.0A/60V/30W) POWER TRANSISTORS(3.0A,60V,30W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2SD880 2SD880O |
POWER TRANSISTORS(3A/60V/30W) TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-220AB POWER TRANSISTORS(3A,60V,30W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
2SD2394 2SD2167 2SD2576 |
Power Transistor (60V, 3A) For Power Amplification (60V, 3A) Power Transistor (314V, 2A)
|
ROHM[Rohm]
|
CDD2061D CDD2061 |
2.000W Medium Power NPN Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 500 hFE. TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-220AB 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
Continental Device India Limited
|
STD30NE06L 6044 STD30NE06LT4 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)|52AA N - CHANNEL 60V - 0.025 ohm - 30A TO-252 STripFET POWER MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
RFP3055LE RFD3055LESM RFD3055LE FN4044 RFD3055LESM |
11A/ 60V/ 0.107 Ohm/ Logic Level/ N-Channel Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 11A I(D) | TO-252AA 11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs 11A 60V 0.107 Ohm Logic Level N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
2SC58801 |
Power transistor (60V, 2A)
|
Rohm
|
2SC5826 |
Power transistor (60V, 3A)
|
Rohm
|