PART |
Description |
Maker |
2SB1202L-X-T6C-K 2SB1202L-X-TM3-T 2SB1202L-R-TN3-K |
HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-252 HIGH CURRENT SWITCHING APPLICATION 大电流开关应 HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-126 HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-251
|
UTC[Unisonic Technologies] 友顺科技股份有限公司 Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤??????
|
2SK1489 E001352 |
From old datasheet system N CHANNEL MOS TYPE (CHOPPER REGULATOR, HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS) CHOPPER REGULATOR APPLICATIONS HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
LT1500 LT1500CS LT1500CS-3 LT1500CS-5 LT1500IS LT1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.3 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO14 Adaptive-Frequency Current Mode Switching Regulators From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
2SJ464 |
P CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING/ CHOPPOER REGULATOR/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) NTE Panel Mount Socket, Current Rating: 5 A, Voltage Rating: 120 V, Contact Termination: Solder, Features: 14 pin blade socket, 4PDT applications P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPOER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SC3303 E000823 |
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCING APPLICATIONS) HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
2SD2271 E001173 |
NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER/ HIGH CURRENT SWITCHING APPLICATIONS) MOTOR DRIVE APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER, HIGH CURRENT SWITCHING APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SK1119 SK1119 E001314 |
N CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
UC3842ADR2 UC3842A05 UC3843AD2R2 UC3843AD2R2G UC38 |
1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 High Performance Current Mode Controllers
|
ONSEMI[ON Semiconductor]
|
2SK231106 2SK2311 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS)
|
http:// Toshiba Semiconductor
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|