PART |
Description |
Maker |
BC490A BC490-D BC490AZL1 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92 From old datasheet system High Current Transistors PNP Silicon PNP Silicon Plastic Transistor
|
ON Semiconductor
|
2SA915 2SA915L 2SA915-K 2SA915-AZ 2SA915K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 50MA I(C) | TO-221VAR
|
List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
2SA1494 |
Silicon PNP Epitaxial Planar Transistor(硅PNP外延平面晶体 17 A, 200 V, PNP, Si, POWER TRANSISTOR Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SA1121 2SA1121SC |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装 Silicon PNP Epitaxial Silicon PNP Transistor
|
HIROSE ELECTRIC Co., Ltd. HITACHI[Hitachi Semiconductor]
|
BC327-25RL1 BC327-25ZL1 BC327-40ZL1 BC327-040 BC32 |
Transistor Silicon PlasticPNP Transistor Silicon Plastic PNP Amplifier Transistors PNP Silicon
|
ON Semiconductor
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
BC556B BC556 BC558B BC557B BC557C BC557A |
PNP Amplifier Transistor(集电发射极电45V,集电极-基极电压-50V的PNP放大器晶体管) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistors(PNP Silicon) From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
2N1025 2N2176 2N1475 2N1027 2N1474 2N329B 2N1654 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 50MA I(C) | TO-5 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 50MA I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 100MA I(C) | TO-5 Silicon Transistors
|
Semitronics
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2SD414 2SD415 2SB548 2SB549 2SD414Q 2SD414Q-AZ |
800 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS (2SB548) PNP/NPN Silicon Epitaxial Transistor
|
NEC[NEC]
|