PART |
Description |
Maker |
2SD2143 2SD1866 2SD2397 |
Medium Power Transistor(Motor, Relay drive) (600V, 2A) 中等功率晶体管(电机,继电器驱动器)600V2A号) Medium Power Transistor(Motor/ Relay drive) (6010V/ 2A) Medium Power Transistor(Motor, Relay drive) (60?0V, 2A) Medium Power Transistor(Motor, Relay drive) (6010V, 2A)
|
Rohm Co., Ltd.
|
CSA968A CSA968 CSA968B CSA968BO CSA968BY CSA968AY |
25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238AO 25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238AY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238BY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238BO 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238B 25.000W Medium Power PNP Plastic Leaded Transistor. 160V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238 PNP PLASTIC POWER TRANSISTORS Single-Phase Filter; Filter Type:RFI; Current Rating:16A; Voltage Rating:250V; Capacitance:1uF; Inductance:0.6uH; Mounting Type:Flange; Series:FN2060; Terminal Type:Quick Connect RoHS Compliant: Yes
|
Continental Device India Limited
|
M67759 |
RF POWER MODULE 872-905MHz, 12.5V, 6W, FM MOBILE RADIO
|
Mitsubishi Electric Corporation
|
CSB1370 CSB1370F CSB1370D CSB1370E |
30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 160 - 320 hFE. 30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 100 - 200 hFE. 30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 120 hFE. PNP Silicon Epitaxial Power Transistor
|
CDIL[Continental Device India Limited]
|
2SC1741AS 2SD1484 2SD1484K A5800323 2SC3359S 2SC33 |
50V,0.5A medium power transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W) Medium Power Transistor (50V, 0.5A) From old datasheet system Medium Power Transistor (50V/ 0.5A) SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | SPAK TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 500MA I(C) | SPAK SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁| 500mA的一(c)| SPAK
|
Rohm
|
ZTX652 ZTX653 |
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS NPN Medium Power Transistor
|
Zetex Semiconductors
|
2N2369ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2SB1188 2SB1188-E-AB3-R 2SB1188-P-AB3-R 2SB1188-Q- |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
B772SSL-X-AE3-R B772SSG-X-AE3-R B772SS09 B772SSG-E |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
2SB118809 2SB1188 2SB1188T100Q |
Medium power transistor (-32V, -2A) Medium power transistor (32V, 2A) Medium power transistor (?2V, ?A)
|
Rohm Littelfuse
|
BC51-16PA BC51-10PA BCP51-10 BC51PA |
45 V, 1A PNP medium power transistors 45伏,1安PNP型中等功率晶体管 Si, POWER TRANSISTOR 45 V, 1 A PNP medium power transistors
|
NXP Semiconductors N.V.
|