PART |
Description |
Maker |
2SC2383 |
TRANSISTOR SILICON NPN EPITAXIAL TYPE COLOR TV VERT. DEFLECTION OUTPUT AND COLOR TV CLASS B SOUND OUTPUT APPLICATIONS
|
TOSHIBA
|
550-XX04 550-5704 550-0204 550-0304 550-0404 550-0 |
LED 5MM VERT LOW CUR RED PCMNT T-1 3/4 SINGLE COLOR LED, RED, 5 mm LED Lamp; Color:Green; Luminous Intensity (MSCP):12.3ucd; LED Color:Green; Leaded Process Compatible:Yes; Lens Style:(L x W x H) 9.27 x 6.10 x 6.10 mm; Mounting Type:Through Hole; Terminal Type:PCB Leaded T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm LED 5MM VERT SUP DIFF YEL PC MNT T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm 5mm LED CBI Circuit Board Indicator Top View, Single
|
Dialight PLC DIALIGHT[Dialight Corporation]
|
43693-0011 43693-0005 |
VERT. HEADER ASS'Y. MINI-FIT BMI SERIES 36 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Minifit BMI Vert Hdr MF/BL Tin V-O 16Ckt
|
Molex, Inc. MOLEX INC
|
43650-0922 43650-1223 43650-0821 43650-1021 |
MicroFit 3.0 SR Vert SMT Clip 15Au 9Ckt POWER CONNECTOR MicroFit 3.0 SR Vert SMT Clip 30Au 12Ckt POWER CONNECTOR MicroFit 3.0 SR Vert SMT Clip Tin 8Ckt POWER CONNECTOR MicroFit 3.0 SR Vert SMT Clip Tin 10Ckt POWER CONNECTOR
|
Molex, Inc.
|
281739-3 281739-5 281739-4 281739-6 281739-8 28174 |
STIFTLEISTE 2.54MM RASTSTEG VERT 2X3POL STIFTLEISTE 2.54MM RASTSTEG VERT 2X5POL 300MHz High-Speed Op Amp STIFTLEISTE 2.54MM RASTSTEG VERT 2X6POL 17µA Max, Dual Quad, Single-Supply, Precision Op Amps BUCHSENLEISTE SCHNEIDKLEMM 2.54MM 12POL BUCHSENLEISTE SCHNEIDKLEMM 2.54毫米12POL BUCHSENGEHAEUSE 2.54MM 12POL BUCHSENGEHAEUSE 2.54毫米12POL Low-Charge Injection, 8-Channel, High-Voltage Analog Switches BUCHSENGEHAEUSE 2.54毫米2X4POL
|
SIEMENS AG Maxim Integrated Products, Inc.
|
5370T1LC |
LED RED T-3/4 VERT LOW CUR PCB T-3/4 SINGLE COLOR LED, RED, 2 mm
|
CML Innovative Technologies
|
43045-1027 43045-2427 43045-1628 43045-0228 43045- |
Microfit 3.0 Vert TH Hdr DR Tin 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Microfit 3.0 Vert TH Hdr DR Tin 24Ckt 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Microfit 3.0 Vert TH Hdr DR 15Au 16Ckt 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Microfit 3.0 Vert TH Hdr DR 15Au 2Ckt 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Microfit 3.0 Vert TH Hdr DR Tin 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Microfit 3.0 Vert TH Hdr DR Tin 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Microfit 3.0 Vert TH Hdr DR Tin 22Ckt 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
22-03-2056 22-03-2086 22-03-2216 22-10-2264 22-03- |
KK 100 Hdr Flat Vert Tin 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 21Ckt 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 26Ckt 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 11Ckt 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 2Ckt
|
Molex, Inc. MOLEX INC
|
44068-1004 44068-1002 44068-0242 |
MF SMC VERT HDR CLIP GOLD 14CKT MF/BL 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF BMI VERT HDR ASSY TIN 10CKT MF/BL 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF SMC VERT HDR W/CLIP Tin MFBL 18CKT 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
SI91871DMP-12-T1 SI91871DMP-50-T1 SI91871 SI91871D |
HEATSINK,PLG-IN,MODEL#574902,T 300 - mA的超低噪声LDO稳压器排放的选项 HEATSINK TO220 VER MNT W/TAB.69,1 300 - mA的超低噪声LDO稳压器排放的选项 Heat Sink; Package/Case:TO-220; Thermal Resistance:16.8 C/W; Mounting Type:Screw Mount; Length:11.18mm; Height:11.18mm; Width:28.45mm; Color:Black; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes HEATSINK TO220 VER MNT W/TAB.75,1 HEATSINK TO220 VER MNT W/TAB.75,3 HEATSINK TO-220 VERT MNT .75,1 HEATSINK TO220 HOR MNT W/TAB.75,1 Heat Sink; Package/Case:TO-220; Thermal Resistance:16 C/W; Mounting Type:Through Hole; Length:9.02mm; Height:34.93mm; Width:21.84mm; Body Material:Aluminum; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes HEATSINK TO220 VER MNT W/TAB.69,3 HEATSINK TO-220 VERT MNT W/TAB 300-mA Ultra Low-Noise LDO Regulator With Discharge Option
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
|