PART |
Description |
Maker |
PBSS4350SS115 |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2N5682 2N5681 2N5681SMD |
100V Vce, 1A Ic, 30MHz NPN bipolar transistor NPN SILICON TRANSISTORS Expitaxial Planar NPN Transistors In jedec TO-39 Metal Case(大功率、外延平面NPN晶体管(TO-39金属封装,用于通用、放大器、开关电路))
|
SEME-LAB[Seme LAB] Semelab(Magnatec)
|
2SC3981 2SC3981A |
TRANS NPN 40V 350MW SMD SOT23 5 A, 800 V, NPN, Si, POWER TRANSISTOR Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
BC550C BC549B BC549B-D BC549C BC550B |
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
Low Noise Transistors NPN Silicon(硅NPN低噪声晶体管) 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Low Noise Transistor NPN Silicon(30V硅NPN低噪声晶体管) 低噪声晶体管NPN硅(30V的硅npn型低噪声晶体管)
|
ON Semiconductor http://
|
BFG67_XR BFG67 BFG67_X BFG67X BFG67XR BFG67/XR BFG |
NPN 8 GHz wideband transistors NPN 8GHz wideband transistor(NPN 8G赫兹 宽带晶体
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2N2915 2N2913 2N2917 2N2915CECC 2N2913CECC |
DUAL NPN PLANAR TRANSISTORS IN TO77 PACKAGE Dual NPN Planar Transistor in a TO-77 Hermetic Package(双晶体管TO-77陶瓷封装 NPN 30 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-77
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TE Connectivity, Ltd.
|
2N4400 BT4400 |
NPN General Purpose Amplifier 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier(NPN????ㄦ?澶у?
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
CIL148C CIL148A CIL148B CIL476 CIL768 CIL769 CIL61 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 200MA I(C) | TO-105 TRANSISTOR | BJT | NPN | 12V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 60V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 45V V(BR)CEO | 200MA I(C) | TO-106 晶体管|晶体管|叩| 45V的五(巴西)总裁| 200mA的一(c)|06 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-106 TRANSISTOR | BJT | NPN | 32V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 200MA I(C) | TO-106 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 200MA I(C) | TO-106
|
Electronic Theatre Controls, Inc.
|
2SD2403 2SD2403GZ 2SD2403-GX-AZ |
NPN epitaxial type silicon transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-243 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)|43 3 A, 60 V, NPN, Si, POWER TRANSISTOR
|
NEC[NEC] NEC, Corp. NEC Corp.
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
DS1339U-33 DS1339U-33_ DS1339 DS1339C-2 DS1339C-2_ |
I2C Serial Real-Time Clock TRANS NPN BIPOL DUAL 160V SOT363 TRANS NPN DARL 40V SMD SOT-23 TRANSISTOR, NPN, SWITCHING , GENERAL PURPOSE, 3-PIN SOT-23 TRANS NPN 160V 350MW SMD SOT-23
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor] Dallas Semiconducotr http://
|