Part Number Hot Search : 
1H223 MX29L Q2A102HJ 1N6476 61000 ST10F27 M2013TNW IRL3103
Product Description
Full Text Search
  y5v Datasheet PDF File

For y5v Found Datasheets File :: 692    Search Time::0.89ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Y5V

AVX Corporation
Part No. y5v
OCR Text y5v Dielectric General Specifications y5v formulations are for general-purpose use in a limited temperature range. They have a wide temperature characteristic of +22% -82% capacitance change over the operating temperature range of -30C to...
Description Dielectric

File Size 60.90K  /  3 Page

View it Online

Download Datasheet





    D102K20Y5PH6TJ6R

Vishay Siliconix
Part No. D102K20Y5PH6TJ6R
OCR Text ... 1, np0; sl0 class 2, y5p; z5u; y5v; z5v sectional specifications class 1, iec 60 384-8, class 2, iec 60 384-9, eia 198 climatic category class 1, 55/125/21 class 2, 10/85/21 and 30/85/21 features ?low losses ? high stability ? high capaci...
Description Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose

File Size 319.81K  /  7 Page

View it Online

Download Datasheet

    Surface Mountable Electronic
Part No. MCCB475K3NRT
OCR Text ...= npo, r = x7r, u = z5u, v = y5v end termination: n = pd, ag, ni, sol size: 8=0201, 0 = 0402, 1 = 0603, 2 = 0805, 3 = 1206, 4 = 1210, 5 = 1812, 6 = 2220, 7 = 1808 tolerance: b = 0.1pf, c = 0.25pf, d = 0.5pf, f = 1%, g = ...
Description MULTILAYER CHIP CAPACITORS

File Size 132.28K  /  5 Page

View it Online

Download Datasheet

    Panasonic
Part No. ECJ1VB2A221K ECJ1VC2A101 ECJ1VB2D331K ECJ1VC2A100D ECJ2VC2D100D ECJ2VB2A221K ECJ2VB2A682K ECJRVF1E104Z ECJ2VB2D472K ECJ2VB2D331K ECJ3FB2A333K ECJ1VC2A220 ECJ2VB2D152K ECJ2VC2D470 ECJ2VC2A100D ECJ2VC2A471 ECJ2VC2A470 ECJ2VB2A102K ECJRVC1H680K ECJ2VB2A332K
OCR Text ...000 tan d : b (x7r) < 0.025 f (y5v) < 0.05 b (x7r): e55 to 125 ?c f (y5v): e25 to 85 ?c c d e55 to 125 ?c c d , 50 vdc b (x7r):50 vdc f (y5v):25 vdc measurement temperature:20 ?c preconditioning:heat treatment (class 2) class 1 frequency:1...
Description Multilayer Ceramic Chip Capacitors

File Size 818.81K  /  6 Page

View it Online

Download Datasheet

    VJ0402G104KXQCW1BC

Vishay Siliconix
Part No. VJ0402G104KXQCW1BC
OCR Text ...? high capacitance in x5r, x7r, y5v ? for high frequency applications ? ni-barrier with 100 % tin terminations ? dry sheet technology process ? noble metal electrode system (nme): ? for certain c0g (np0) values ? base metal electrode system...
Description Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications

File Size 221.40K  /  16 Page

View it Online

Download Datasheet

    Murata Electronics
Part No. RDE50VDC
OCR Text ...components in c0g, x7r, x7s and y5v tcs to the existing 250 and 630vdc, x7r rde series. all rdes are rohs compliant and have an epoxy coating and tin/copper plated radial leads. the commercial grade rdes are designed for genera...
Description Commercial Grade Capacitors

File Size 765.62K  /  2 Page

View it Online

Download Datasheet

    AAT3216 AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT3216IGV-1.8-T1 AAT3216IGV-2.0-T1 AAT3216IGV-2.3-T1 AAT3216IGV-2.5-T1 AAT3

ETC[ETC]
List of Unclassifed Manufacturers
Electronic Theatre Controls, Inc.
Advanced Analogic Technologies, Inc.
Part No. AAT3216 AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT3216IGV-1.8-T1 AAT3216IGV-2.0-T1 AAT3216IGV-2.3-T1 AAT3216IGV-2.5-T1 AAT3216IGV-2.7-T1 AAT3216IGV-2.85-T1 AAT3216IGV-2.8-T1 AAT3216IGV-3.0-T1 AAT3216IGV-3.3-T1 AAT3216IGV-3.5-T1 AAT3216IJS-1.2-T1 AAT3216IJS-1.5-T1 AAT3216IJS-1.8-T1 AAT3216IJS-2.0-T1 AAT3216IJS-2.3-T1 AAT3216IJS-2.5-T1 AAT3216IJS-2.7-T1 AAT3216IJS-2.85-T1 AAT3216IJS-2.8-T1 AAT3216IJS-3.0-T1 AAT3216IJS-3.3-T1 AAT3216IJS-3.5-T1
OCR Text ...y composed of X7R, X5R, Z5U and y5v dielectric materials. Large ceramic capacitors, typically greater then 2.2F are often available in the low cost y5v and Z5U dielectrics. These two material types are not recommended for use with LDO regul...
Description 150mA MicroPower??LDO with PowerOK
150mA MicroPower LDO with PowerOK
150mA MicroPower⑩ LDO with PowerOK
Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:42 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes
150mA MicroPowerLDO with PowerOK ⑩微功50mA的LDO稳压器与PowerOK

File Size 227.70K  /  16 Page

View it Online

Download Datasheet

    Vishay
Part No. 564R20GAD15 564R20GAD10 564R20GAD18 564R20GAD27 564R20GAD39 564R20GAD47 564R20GAS10 564R20GAD68 564R20GASS10 564R30TSD18 564R30GAQ56 564R30GAD39 564R30GAD33 564R20TSD22 564R20TSSD18 564R20TSD27 564R20TSSD15 564R30TSSD33 564R60GAD33 564R30GAQ27 564R75GAD10 564R75GAD25 564R30GAT27 564R20TST47 564R60GAQ10 564R30GAT15 564R20TST68 564R75GAT10 564R60GAS10 564R60GAD10
OCR Text ... 1) ? x7r, x5f, x5s, y5s, y5u, y5v, z5u (class 2) quick reference data description value ceramic class 1 2 ceramic dielectric u2j, r3l c0g, u2j, r3l x7r, y5s, y5u, z5u, y5v x7r, y5s, y5u, z5u, y5v x5f, x5s, y5u, z5u x5f, y5u, ...
Description Lower Voltage Ceramic Singlelayer DC Disc Capacitors

File Size 96.27K  /  5 Page

View it Online

Download Datasheet

    Samsung Electronics
Part No. CL10F474ZB8NNNC
OCR Text ...cap, 470 ? ?? ? , -20/+80%, 50v,y5v,0603 cl 10 f 474 z b 8 n n n c ? ? ? ? ? ? ? ? ?? ? ? series samsungmultilayerceramiccapacitor ? size 0603 (inchcode) l: 1.6 0.1 mm w: 0.1 mm ? dielectric y5v inner electro...
Description Multi-layer Ceramic Capacitor

File Size 78.07K  /  2 Page

View it Online

Download Datasheet

For y5v Found Datasheets File :: 692    Search Time::0.89ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of y5v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.58996605873108