Part Number Hot Search : 
MIC2207 C100M SY88973 XSD404 60000 NCP1377P P6KE250 SMS51
Product Description
Full Text Search
  xor xnor Datasheet PDF File

For xor xnor Found Datasheets File :: 80    Search Time::0.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 |   

    MICREL[Micrel Semiconductor]
Part No. SY10E107_06 SY100E107 SY100E107JC SY100E107JCTR SY100E107JZ SY100E107JZTR SY10E107 SY10E107JC SY10E107JCTR SY10E107JZ SY10E107JZTR
OCR Text xor/xnor GATE SY10E107 SY100E107 SY10E107 SY100E107 FEATURES s s s s s 600ps max. propagation delay Extended 100E VEE range of -4.2V to -5.5V True and complementary outputs OR/NOR function outputs Fully compatible with Industry st...
Description QUINT 2-INPUT xor/xnor GATE

File Size 57.62K  /  4 Page

View it Online

Download Datasheet





    MC10E107 MC10E107FN MC100E107FN MC100E107 ON0612

Motorola Mobility Holdings, Inc.
门电
Motorola, Inc
ONSEMI[ON Semiconductor]
Part No. MC10E107 MC10E107FN MC100E107FN MC100E107 ON0612
OCR Text xor/xnor Gate The MC10E/100E107 is a quint 2-input xor/xnor gate. The function output F is the OR of all five xor outputs, while F is the NOR. The Q outputs need not be terminated if only the F outputs are to be used. MC10E107 MC100E107...
Description QUINT 2-INPUT xor/xnor GATE 10E SERIES, 5 2-INPUT xor/xnor GATE, PQCC28
QUINT 2-INPUT xor/xnor GATE
From old datasheet system

File Size 102.85K  /  4 Page

View it Online

Download Datasheet

    SY10E107 SY10E107JC SY10E107JCTR SY100E107 SY100E107JC SY100E107JCTR

MICREL[Micrel Semiconductor]
Part No. SY10E107 SY10E107JC SY10E107JCTR SY100E107 SY100E107JC SY100E107JCTR
OCR Text xor/xnor GATE SY10E107 SY100E107 FEATURES s s s s s 600ps max. propagation delay Extended 100E VEE range of -4.2V to -5.5V True and complementary outputs OR/NOR function outputs Fully compatible with Industry standard 10KH, 100K I/O ...
Description QUINT 2-INPUT xor/xnor GATE

File Size 69.43K  /  4 Page

View it Online

Download Datasheet

    MC10107 MC10107FN MC10107L MC10107P ON0554

Motorola Mobility Holdings, Inc.
Motorola, Inc
ONSEMI[ON Semiconductor]
Part No. MC10107 MC10107FN MC10107L MC10107P ON0554
OCR Text ... Input Pulse Out Corresponding xor/xnor Outputs VIHmax -0.890 -0.810 -0.700 VILmin -1.890 -1.850 -1.825 VIHAmin -1.205 -1.105 -1.035 VILAmax -1.500 -1.475 -1.440 VEE -5.2 -5.2 -5.2 (VCC) Gnd 1, 16 1, 16 1, 16 1, 16 1, 16 1, ...
Description Line Drivers 14-CDIP -55 to 125 10K SERIES, TRIPLE 2-INPUT xor/xnor GATE, PQCC20
Triple 2-Input Exclusive OR/Exclusive NOR Gate
PIN ASSIGNMENT
From old datasheet system

File Size 102.96K  /  5 Page

View it Online

Download Datasheet

    HMC844LC4B

Hittite Microwave Corporation
Part No. HMC844LC4B
OCR Text ... 7 - 1 the hmc844lc4b is an xor/xnor function des- igned to support data transmission rates of up to 45 gbps, and clock frequencies as high as 25 ghz. the hmc844lc4b may be easily confgured to provide either...
Description 45 Gbps, xor / xnor w/ PROGRAMMABLE OUTPUT VOLTAGE

File Size 614.61K  /  8 Page

View it Online

Download Datasheet

    74LVC1G99

NXP Semiconductors
Part No. 74LVC1G99
OCR Text ... including, and, or, nand, nor, xor, xnor, inverter, buffer and mux. no external components are required to con?gure the device as all inputs can be connected directly to v cc or gnd. the 3-state output is controlled by the output enable in...
Description Ultra-configurable multiple function gate; 3-state

File Size 127.64K  /  26 Page

View it Online

Download Datasheet

    HMC671LC3C

Hittite Microwave Corporation
Part No. HMC671LC3C
OCR Text ...mt 7 7 - 10 the hmc671lc3c is a xor/xnor gate function designed to support data transmission rates of up to 13 gbps, and clock frequencies as high as 13 ghz. all input signals to the hmc671lc3c are terminated with 50 ohms to ground on-c...
Description 13 Gbps, xor / xnor Gate HMC671LC3C

File Size 269.87K  /  8 Page

View it Online

Download Datasheet

    NLX1G99AMX1TCG

ON Semiconductor
Part No. NLX1G99AMX1TCG
OCR Text ...uch as mux, and, or, nand, nor, xor, xnor, invert and buffer, depending on the combination of the 4 ? bit input. the device has schmitt ? trigger inputs, thereby enhancing noise immunity. the nlx1g99 input and output structures provide pro...
Description 1.65V to 5.5V Logic MiniGate with 24mA Drive SPECIALTY LOGIC CIRCUIT, DSO8

File Size 151.56K  /  15 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. 74LVC1G99DP125
OCR Text ... including, and, or, nand, nor, xor, xnor, inverter, buffer and mux. no external components are required to con?gure the device as all inputs can be connected directly to v cc or gnd. the 3-state output is controlled by the output enable in...
Description Ultra-configurable multiple function gate; 3-state; Package: SOT505-2 (TSSOP8); Container: Reel Pack, Reverse, Reverse LVC/LCX/Z SERIES, 4-INPUT MAJORITY LOGIC GATE, PDSO8

File Size 127.87K  /  26 Page

View it Online

Download Datasheet

For xor xnor Found Datasheets File :: 80    Search Time::0.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of xor xnor

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.61236786842346