Part Number Hot Search : 
C2050 1N581705 SHD12 SA130 170M4069 AD668AQ 13156 HA12237
Product Description
Full Text Search
  x8 x16 Datasheet PDF File

For x8 x16 Found Datasheets File :: 3279    Search Time::1.782ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Mosel Vitelic Corp
Part No. V58C2256164S V58C2256804S
OCR Text ...vssq dqs vss dm ck vss vdd vss (x8) a b c d e f g h j k l m vssq dq15 dq14 vddq dq13 dq12 vddq dq3 vssq vdd dq0 dq2 dq1 vddq dq4 dq6 vssq dq...x16) 123 789 123 789 123 789 x8 device ball pattern x4 device ball pattern x16 device ball pattern t...
Description HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM

File Size 807.09K  /  61 Page

View it Online

Download Datasheet





    HYNIX SEMICONDUCTOR INC
Part No. HY27UF162G2M-TPEB HY27UF162G2M-TPCS HY27UF162G2M-TCP HY27UF162G2M-TPIS
OCR Text ...applications nand interface - x8 or x16 bus width. - multiplexed address/ data - pinout compatibility for all densities supply voltage - 3.3v device: vcc = 2.7 to 3.6v : hy27ufxx2g2m memory cell array = (2k+ 64) bytes x 64 page...
Description 128M X 16 FLASH 3.3V PROM, 30 ns, PDSO48

File Size 457.21K  /  53 Page

View it Online

Download Datasheet

    Mosel Vitelic
Part No. V54C365164VL
OCR Text ...d array (or bga) wbga sdram (x4/x8/x16) 56 pins assignment (top view) nc vss nc vssq vddq dq3 nc nc nc vssq vddq dq2 vss nc dqm nc cke clk a11 ? a8 a9 a6 a7 a4 a5 nc vss dq7 vss nc vssq vddq dq6 dq5 nc nc vssq vddq dq4 vss nc dqm nc cke clk...
Description HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16

File Size 706.89K  /  56 Page

View it Online

Download Datasheet

    意法半导
STMicroelectronics N.V.
Part No. NAND512-M NAND512W3M2 NAND512R4M3 NAND512R4M5 NAND512R3M0 NAND01GW4M5BZC5F NAND01GW4M5BZB5F NAND512W4M5BZC5E NAND01GW4M5BZB5E NAND01GW4M5BZC5E NAND512W4M5BZB5F NAND512W4M5BZB5E NAND512W4M5BZC5F NAND01GW4M2CZB5E NAND01GW4M2CZC5E NAND512R3M0AZC5E NAND512R3M5AZC5F NAND512R4M2AZC5F NAND01GW4M0CZC5F NAND01GW4M5CZC5E NAND01GW4M5CZB5E
OCR Text x8/x16, 1.8/3v, 528 byte page) nand flash memories + 256/512mb (x 16/x32, 1.8v) lpsdram, mcp features multi-chip packages ? 1 die of 256 mb, 512 mb (x8/ x16) nand flash + 1 die of 256 mb (x16) sdr lpsdram ? 1 die of 256 mb, 512 mb (x8/ x...
Description 256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP 同一封装内整合了256/512Mb/1Gb(x8/x16.8/3V28字节页)NAND闪存以及256/512Mb(x16/x32.8V的)LPSDRAM的MCP

File Size 173.79K  /  23 Page

View it Online

Download Datasheet

    http://
Samsung Semiconductor Co., Ltd.
SAMSUNG SEMICONDUCTOR CO. LTD.
Part No. K9F5608U0B-FIB0 K9F5608Q0B-HCB0 K9F5608U0B-YCB0 K9F5616Q0B-DCB0 K9F5608Q0B-DIB0 K9F5608U0B-DIB0 K9F5616U0B-PIB0 K9F5616U0B-HCB0 K9F5616U0B-YCB0 K9F5608U0B-PIB0 K9F5608U0B-YIB0 K9F5608U0B-DCB0 K9F5608U0B-VCB0 K9F5616U0B-DCB0 K9F5608U0B-HCB0 K9F5616Q0B-DIB0 K9F5616U0B-DIB0 K9F5616Q0B-HCB0 K9F5616U0B-YIB0 K9F5608Q0B-DCB0 K9F5608Q0B-HIB0 K9F5616Q0B-HIB0 K9F5616U0B-HIB0 K9F5608U0B-HIB0 K9F5608U0B-VIB0 K9F5608U0B-PCB0 K9F5608U0B-FCB0
OCR Text ...on - memory cell array - x8 device(k9f5608x0b) : (32m + 1024k)bit x 8 bit - x16 device(k9f5616x0b) : (16m + 512k)bit x 16bit - data register - x8 device(k9f5608x0b) : (512 + 16)bit x 8bit - x16 device(k9f5616x0b...
Description 32M x 8 Bit , 16M x 16 Bit NAND Flash Memory 32M的8位,16x 16位NAND闪存
M1 - DVI-D 6 FEET 32M的8位,16米x 16位NAND闪存
M1 - VGA W/USB 3 FEET 32M的8位,16米x 16位NAND闪存
32M x 8 Bit , 16M x 16 Bit NAND Flash Memory 32M的8位,16米x 16位NAND闪存
SCSI-5 MALE SCSI-3 MALE CABLE 10 FT 32M的8位,16米x 16位NAND闪存
M1 - VGA W/USB 15 FEET
Connector assemblies, SCSI Computer cables;
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:43; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight
32M x 8 Bit / 16M x 16 Bit NAND Flash Memory
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; No. of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight
M1 - DVI-D 15 FEET
MICRO D68 M/CENT50 M 3FT
M1 - VGA W/USB 6 FEET
MICRO D68 M/CENT50 M 2FT
M1 - VGA W/USB 3 FEET
M1 - DVI-D 10 FEET
M1 - VGA W/USB 10 FEET
M1 - DVI-D 6 FEET
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; Number of Contacts:37; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight
SCSI-5 MALE SCSI-3 MALE CABLE 10 FT
TV 43C 23#20 20#16 SKT RECP

File Size 608.84K  /  34 Page

View it Online

Download Datasheet

    天津新技术产业园区管理委员会
Part No. IS43DR83200A-37CBLI IS43DR83200A-37CBLI-TR
OCR Text ...is43/46dr16160a ? package: x8: 60-ball bga (8mm x 10.5mm) x16: 84-ball wbga (8mm x 12.5mm) timing C cycle time 2.5ns @cl=6 ddr2-800e 3.0ns @cl=5 ddr2-667d 3.75ns @cl=4 ddr2-533c 5.0ns @cl=3 ddr2-400b ? temperature range: ...
Description
File Size 1,002.35K  /  48 Page

View it Online

Download Datasheet

    AM29LV800B-100 AM29LV800B-120 AM29LV800B-150 AM29LV800B-90R AM29LV800T AM29LV800T-90R AM29LV800T-100 AM29LV800T-120 AM29

AMD[Advanced Micro Devices]
Part No. AM29LV800B-100 AM29LV800B-120 AM29LV800B-150 AM29LV800B-90R AM29LV800T AM29LV800T-90R AM29LV800T-100 AM29LV800T-120 AM29LV800T-150
OCR Text ...yte, and fifteen 64 Kbytes. The x8 data appears on DQ0-DQ7; the x16 data appears on DQ0-DQ15. The Am29LV800 is offered in 44-pin SO and 48-pin TSOP packages. This device is designed to be programmed in-system with the standard system 3.0 Vo...
Description 8 Megabit (1048576 x 8-Bit/524288 x 16-Bit) CMOS 3.0 Volt-only Sectored Flash Memory
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory

File Size 191.17K  /  48 Page

View it Online

Download Datasheet

   
Part No. K8D1716UBC-PC070
OCR Text x8/1m x16) dual bank nor flash memory revision history revision no. 0.0 0.1 0.2 1.0 remark advance preliminary preliminary history initial draft support 48tsop1 lead free package support 48fbga leaded/lead free package specification finali...
Description 1M X 16 FLASH 2.7V PROM, 70 ns, PDSO48

File Size 565.81K  /  41 Page

View it Online

Download Datasheet

    天津新技术产业园区管理委员会
Part No. IS42S16800E-75EBL IS42S16800E-75ETL IS42S16800E-75EBLI IS42S16800E-75EBL-TR IS42S16800E-75ETL-TR IS42S16800E-6TL IS42S81600E-6TL IS42S81600E-6TLI IS42S16800E-6B IS42S16800E-6TLI
OCR Text ...ns is42s81600e is42s16800e 4m x8 x4 banks 2m x16 x4 banks 54-pin tsopii 54-pin tsopii 54-ball tf-bga 2 integrated silicon solution, inc. www.issi.com rev. c 10/12/2010 is42s81600e, is42s16800e device overv...
Description
File Size 854.00K  /  61 Page

View it Online

Download Datasheet

For x8 x16 Found Datasheets File :: 3279    Search Time::1.782ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of x8 x16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.45004796981812