Part Number Hot Search : 
UMX5101 TMPA8823 SMAJ13A TS612 C4010 8880N R1230 C3736
Product Description
Full Text Search
  w tab Datasheet PDF File

For w tab Found Datasheets File :: 11877    Search Time::1.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TE Connectivity, Ltd.
Part No. LTGYO41A-TB-w-R/125N LTGYO41A-TB-B-R/28V LTGYO41A-TB-B-R/125N LTGYO41A-Tw-w-R/125N LTGYO41A-TB-w-R/28V LTGYO41A-Tw-B-R/125N LTGYO41A-Tw-B-R/28V LTGwO500-TB-B-R/125N TGDO505-Tw-B TGDO505-TB-B LTGLO510-Tw-w-R/125N LTGNO400-TB-w-R/125N LTGNO400-Tw-B-R/250N LTGNO400-Tw-B-R/6V LTGNO400-Tw-w-R/250N LTGNO400-TB-w-R/28V LTGNO400-Tw-B-R/125N LTGPO403-TB-B-R/125N LTGPO403-TB-B-R/28V LTGPO403-TB-w-R/125N LTGPO403-TB-w-R/250N LTGPO403-Tw-w-R/250N TGDO40A-Tw-B TGDO400-Tw-w LTGLO401-TB-w-R/6V
OCR Text ...tion 7 actuator color 2 b black w white ltg 1 base part number 50 tg/ltg-series rocker switches the tg-series mini tippette rocker switches...tab (q.c.) p addle terminal type mounting hole p anel thickness: .030[.762] min. to .250[6.35] max....
Description ROCKER SwITCH, DPST, MOMENTARY, PANEL MOUNT
ROCKER SwITCH, DPST, LATCHED, PANEL MOUNT
ROCKER SwITCH, DPDT, LATCHED, PANEL MOUNT
ROCKER SwITCH, DPDT, MOMENTARY, PANEL MOUNT

File Size 109.08K  /  1 Page

View it Online

Download Datasheet





   
Part No. RGSCD901-R-B-w-D RGSCD900-R-B-B-0
OCR Text w white rg-series single/double pole rocker & paddle switches 1 base part number: series/circuitry/rating 1 /termination 15a 250 vac, 20a ...tab and wire lead terminations enable this switch to adapt to high current applications within the p...
Description ROCKER SwITCH, DPDT, LATCHED, PANEL MOUNT

File Size 109.45K  /  1 Page

View it Online

Download Datasheet

    Abracon, Corp.
ABRACON CORP
Part No. ABL2-24.0000MHZ-R050-D-3-w-F-I-P ABL2-14.74562MHZ-R050-B-4-T ABL2-6.0000MHZ-R090-D-3-w-F-I-P
OCR Text ...-10 c to +60 c only. x 20 ppm w 25 ppm y 30 ppm h 35 ppm q 100 ppm r 150 ppm * frequency stability 50ppm, 100ppm, 150ppm only. contact abracon for tighter frequency stability. ** -10 to +60c only. mode rxxx (value in ? ) operati...
Description QUARTZ CRYSTAL RESONATOR, 24 MHz ROHS COMPLIANT, RESISTANCE wELDED, METAL PACKAGE-2
QUARTZ CRYSTAL RESONATOR, 14.74562 MHz ROHS COMPLIANT, RESISTANCE wELDED, METAL PACKAGE-2
QUARTZ CRYSTAL RESONATOR, 6 MHz

File Size 1,285.08K  /  3 Page

View it Online

Download Datasheet

    CALOGIC LLC
Part No. CLM1117M-5
OCR Text ...v thermal regulation 0.01 0.1 %/w 25 o c, 30ms pulse ripple rejection 60 75 db f ripple = 120hz, (v in - v out ) = 3v, v ripple = 1v p-p ...tab note 1: output temperature coefficient is defined as the worst case voltage change divided by t...
Description 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4

File Size 46.10K  /  4 Page

View it Online

Download Datasheet

    CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5

Calogic LLC
CALOGIC[Calogic, LLC]
Part No. CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5
OCR Text ...Thermal Resistance V mA mA %/w dB % % C/wo Note 1: Output temperature coefficient is defined as the worst case voltage change divided ...tab and 31 Co/w from tab to ambient for a total of 46 Co/w from junction to ambient. The CLM1117 fea...
Description GIGATRUE 550 CAT6 PATCH 20 FT, NON BOOT, PURPLE 800mA的低压差稳压器的SCSI - 2有源终结
800mA Low Dropout Regulator SCSI-II Active Terminator

File Size 47.09K  /  4 Page

View it Online

Download Datasheet

    Agilent Technologies, Inc.
Part No. HLMP-P105-L00 HLMP-P502-F00 HLMP-P505-G00 AGILENTTECHNOLOGIESINC-HLMP-6300-F00 HLMP-P302-F00
OCR Text ...rmal resistance r j-pin 170 c/w junction-to-cathode lead luminous efficacy [4] v 65 lm/w 6 device hlmp- parameter symbol min. typ. max. units test conditions p102-f00xx 1.0 20.0 p105-l00xx 8.6 30.0 q100-n00xx 22.0 45.0 q105-p00xx lu...
Description SINGLE COLOR LED, RED, 1.78 mm
SINGLE COLOR LED, HIGH PERFORMANCE GREEN, 1.78 mm
SINGLE COLOR LED, YELLOw, 1.78 mm

File Size 464.07K  /  17 Page

View it Online

Download Datasheet

    WJCI[WJ Communication. Inc.]
Part No. AG403-89PCB AG403-89 AG403-89G AG403-89-RFID
OCR Text ...es such as GPRS, GSM, CDMA, and w-CDMA. In addition, the AG403-89 will work for other various applications within the DC to 6 GHz frequency ...tab Temperature 100 1. The thermal resistance is referenced from the hottest part of the junct...
Description InGaP HBT Gain Block

File Size 491.02K  /  6 Page

View it Online

Download Datasheet

    IRF530N

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. IRF530N
OCR Text ...7 12 68 79 175 UNIT V V V A A A w C AVALANCHE ENERGY LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC...tab to centre of die Measured from drain lead to centre of die (SOT78 package only) Measured from so...
Description N-channel TrenchMOS transistor(N沟道 TrenchMOS 晶体
N-channel TrenchMOS TM transistor

File Size 95.87K  /  7 Page

View it Online

Download Datasheet

For w tab Found Datasheets File :: 11877    Search Time::1.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of w tab

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.0794129371643