Part Number Hot Search : 
ADFC23 RDOB002 BC848C BD6226FP 1060CT 3BR176 4805SRW 75NF7
Product Description
Full Text Search
  w lock Datasheet PDF File

For w lock Found Datasheets File :: 11331    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FUJITSU COMPONENT LTD
Part No. FBR522ND09-w
OCR Text ...2 : 12 vdc (d) contact material w : silver-tin oxide indium w1 : silver-tin oxide indium (high power type) (e) custom designation to be assi...lock 18 to 25 a forward and reverse fbr512n n n -w fbr522n n n -w (switching at motor locking) mot...
Description POwER/SIGNAL RELAY, SPDT, LATCHED, 0.09A (COIL), 9VDC (COIL), 810mw (COIL), 20A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT

File Size 73.12K  /  7 Page

View it Online

Download Datasheet





    FUJITSU COMPONENT LTD
Part No. FBR52ND12-w FBR52ND06-w
OCR Text ...2 : 12 vdc (d) contact material w : silver-tin oxide indium w1 : silver-tin oxide indium (high power type) wl : silver-tin oxide indium (1 ...lock 18 to 25 a forward and reverse fbr51n n n -w fbr52n n n -w (switching at motor locking) motor...
Description POwER/SIGNAL RELAY, SPDT, MOMENTARY, 0.067A (COIL), 12VDC (COIL), 800mw (COIL), 20A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
POwER/SIGNAL RELAY, SPDT, MOMENTARY, 0.133A (COIL), 6VDC (COIL), 800mw (COIL), 20A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT

File Size 132.42K  /  8 Page

View it Online

Download Datasheet

    SST25LF080A SST25LF080A-33-4C-S2AE SST25LF080A-33-4I-S2AE SST25LF080A-33-4E-S2AE

Microchip Technology Inc.
Silicon Storage Technology, Inc
Part No. SST25LF080A SST25LF080A-33-4C-S2AE SST25LF080A-33-4I-S2AE SST25LF080A-33-4E-S2AE
OCR Text ...up 0 0 1 1 0 0 Read/write R R R/w R/w N/A R Program operation, the status register may be read only to determine the completion of an ope...lock (BPL) bit is 0. Chip-Erase can only be executed if Block-Protection bits are both 0. After powe...
Description 8 Mbit SPI Serial Flash

File Size 272.63K  /  25 Page

View it Online

Download Datasheet

    SST25VF51210

Silicon Storage Technology, Inc
Part No. SST25VF51210
OCR Text ...up 0 0 1 1 0 0 Read/write R R R/w R/w N/A R 7 BPL 0 R/w T5.0 1192 (c)2005 Silicon Storage Technology, Inc. S71192-09-000 ...lock-down function of the BPL bit is disabled and the BPL, BP0, and BP1 bits in the status register ...
Description 512 Kbit SPI Serial Flash

File Size 263.46K  /  23 Page

View it Online

Download Datasheet

    ICS300-CSV3A ICS300-MA12 ICS300-MA3 ICS300-MA6 ICS300-MA8 ICS300-CRV3A ICS300-MC12 ICS300-MC3 ICS300-MC6 ICS300-MC8 ICS3

Electronic Theatre Controls, Inc.
List of Unclassifed Manufacturers
etc
Part No. ICS300-CSV3A ICS300-MA12 ICS300-MA3 ICS300-MA6 ICS300-MA8 ICS300-CRV3A ICS300-MC12 ICS300-MC3 ICS300-MC6 ICS300-MC8 ICS300-CC12 ICS300-CC3 ICS300-CC6 ICS300-CC8 ICS300-CR8 ICS300-CR12 ICS300-CR3 ICS300-CR6 ICS300-CA6 ICS300-CA8 ICS300-CA12 ICS300-CA3 ICS300-CS3 ICS300-CS6 ICS300-CS12 ICS300-CS8
OCR Text ...xed N/A N/A 87 -- 67 42 -- 33 B/w 3.0 mm Color B/w Color B/w Color B/w 3.0 to 6.0 mm 1/4-inch 1.2 to 1.5 Auto (f1.2 to f300) Manual (minimum 50 cm) Manual 72 to 36 -- 17 96 to 46 52 to 26 6.0 mm 1/3-inch 1.8 Fixed N/A N/A 38 -- 30 32 -- 25 ...
Description 300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, wALL OR CEILING 300系列CamclosureTM摄像系统集成摄像系统,室室外,墙壁或天花
RES,442,1%,0.25w

File Size 103.70K  /  4 Page

View it Online

Download Datasheet

    SST25VF032B-66-4I-QE SST25VF032B-66-4I-QF SST25VF032B-66-4I-S2E SST25VF032B-66-4I-S2F SST25VF032B10 SST25VF032B-50-4C-QA

Microchip Technology Inc.
Silicon Storage Technology, Inc
Part No. SST25VF032B-66-4I-QE SST25VF032B-66-4I-QF SST25VF032B-66-4I-S2E SST25VF032B-66-4I-S2F SST25VF032B10 SST25VF032B-50-4C-QAF SST25VF032B-50-4C-S2AF SST25VF032B-80-4I-QAE-T SST25VF032B-66-4C-S2AF SST25VF032B-88-4I-QE SST25VF032B-88-4I-QF SST25VF032B-88-4I-S2E SST25VF032B-88-4I-S2F SST25VF032B-80-4I-S2AF-T
OCR Text ... 0 0 1 1 1 0 0 Read/write R R R/w R/w R/w R/w R Program operation, the status register may be read only to determine the completion of an...lock (BPL) bit is 0. Chip-Erase can only be executed if BlockProtection bits are all 0. After power-...
Description 32 Mbit SPI Serial Flash

File Size 714.75K  /  28 Page

View it Online

Download Datasheet

    26-61-5170 0026615170

Molex Electronics Ltd.
Part No. 26-61-5170 0026615170
OCR Text ...EMBLY FRICTION lock RIGHT ANGLE w/O PEGS CHECKED BY: -2APPROVED BY: DOCUMENT NUMBER: SDA- 41792 GAVERILL MKIPPER FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC 41792 Group Header No: Pin No: OPTIONS Platin...
Description 3.96mm (.156) Pitch KK Solid Header, Right Angle, with Friction lock, 17 Circuits, Gold (Au) Plating
3.96mm (.156") Pitch KK Solid Header, Right Angle, with Friction lock, 17 Circuits, Gold (Au) Plating

File Size 203.89K  /  8 Page

View it Online

Download Datasheet

For w lock Found Datasheets File :: 11331    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of w lock

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.9823770523071