Part Number Hot Search : 
284884 TM5152 MV8713 LL55C3V6 AT17C010 L6398D 7687M00 C68HC705
Product Description
Full Text Search
  w g Datasheet PDF File

For w g Found Datasheets File :: 183273    Search Time::2.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    KA-J-10-L-G-G-R KA-J-06-S-A-G-T KA-J-08-T-A-G-T KA-J-06-T-H-G-T

E-SWITCH
Part No. KA-J-10-L-g-g-R KA-J-06-S-A-g-T KA-J-08-T-A-g-T KA-J-06-T-H-g-T
OCR Text ...ofile l = extended s = recessed w/o tape seal t = recessed w/ tape seal a = splayed pins h = straight pins g = gull wing model no. ka example ordering number ka _ j _ 02 _ s _ a _ g _ t how to order 02 = 2 03 = 3 04 = 4 05 = 5 06 = 6...
Description SLIDE DIP SwITCH-10SwITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIgHT
SLIDE DIP SwITCH-6SwITCHES, SPST, LATCHED,0.025A, 24VDC, THROUgH HOLE-STRAIgHT
SLIDE DIP SwITCH-8SwITCHES, SPST, LATCHED,0.025A, 24VDC, THROUgH HOLE-STRAIgHT

File Size 191.57K  /  3 Page

View it Online

Download Datasheet





    BTC2881J3-G-T3-G BTC2881J3-Y-T3-G

Cystech Electonics Corp.
Part No. BTC2881J3-g-T3-g BTC2881J3-Y-T3-g
OCR Text ...power dissipation @t a =25 1 w p d power dissipation @t c =25 10 w operating junction and storage te mperature range tj ; tstg...g range 120~240 160~320 ordering information device h fe rank package shipping btc...
Description general Purpose NPN Epitaxial Planar Transistor

File Size 246.77K  /  7 Page

View it Online

Download Datasheet

    Supertex, Inc.
Part No. VN4012L-P002-g VN4012L-P013-g VN4012L-P003 VN4012L-P003-g VN4012L-P014 VN4012L-P014-g
OCR Text ...ing s i v n 4 0 1 2 l y y w w to-92 (l) product marking package may or may not include the following marks: si or 2 vn4012 ...g fs forward transductance 125 350 - mmho v ds = 15v, i d = 100ma c iss input capacitanc...
Description
File Size 336.74K  /  3 Page

View it Online

Download Datasheet

    CDBV140-G CDBV120-G12

Comchip Technology
Part No. CDBV140-g CDBV120-g12
OCR Text ...repetitive peak reverse voltage w orking peak reverse voltage dc blocking voltage rms reverse voltage a verage rectified output current peak...g 0.071 (1.80) 0.063 (1.60) 0.055 (1.40) 0.047 (1.20) 0.106 (2.70) 0.098 (2.50) 0.035 (0.90) 0.031 (...
Description SMD Schottky Barrier Diodes

File Size 97.00K  /  4 Page

View it Online

Download Datasheet

    GBPC5008W-G GBPC5002W-G GBPC3510W-G GBPC2501W-G GBPC5004W-G GBPC3508W-G GBPC1504W-G GBPC2504W-G GBPC3504W-G GBPC2502W-G

Comchip Technology
Part No. gBPC5008w-g gBPC5002w-g gBPC3510w-g gBPC2501w-g gBPC5004w-g gBPC3508w-g gBPC1504w-g gBPC2504w-g gBPC3504w-g gBPC2502w-g gBPC2510w-g gBPC25005w-g gBPC15005w-g gBPC35005w-g gBPC50005w-g gBPC5006w-g gBPC1501w-g gBPC3506w-g gBPC1502w-g gBPC1510w-g
OCR Text ...urrent , 8.3ms single half sine-w ave super imposed on rated load operating t emperature range storage t emperature range re...g 50 15005 25005 v rrm i (a v) i fsm v f i r t j t stg 1.1 10.0 -55 to +150 -55 to +150 v a a v ...
Description glass Passivated Bridge Rectifiers

File Size 82.51K  /  3 Page

View it Online

Download Datasheet

    Supertex, Inc.
Part No. 2N7000-g
OCR Text ...wer dissipation @t c = 25 o c (w) jc ( o c/w) ja ( o c/w) i dr * (ma) i drm (ma) 2n7000 to-92 200 500 1.0 125 170 200 500 notes: * i d ...g s f ) s n e m e i s ( i d (amperes) power dissipation vs. case temperature 0150 100 50 2.0 1.0 125...
Description N-Channel Enhancement-Mode Vertical DMOS FETs 200 mA, 60 V, N-CHANNEL, Si, SMALL SIgNAL, MOSFET, TO-92

File Size 521.23K  /  5 Page

View it Online

Download Datasheet

    MKP1840-410-404-G MKP1840-410-404-W MKP1840-510-254-G MKP1840-510-254-M MKP1840-510-254-V MKP1840-M MKP1840-310_404-5MG

Vishay Siliconix
Part No. MKP1840-410-404-g MKP1840-410-404-w MKP1840-510-254-g MKP1840-510-254-M MKP1840-510-254-V MKP1840-M MKP1840-310_404-5Mg MKP1840-310_404-5Mw MKP1840-310_404-5M MKP1840-310/404-5Mg MKP1840-310/404-5Mw
OCR Text w max. FEATURES Marking h max. 0.6 0.4 Pitch 0.4 O 0.8 6 -1 5 mm to 37.5 mm lead pitch, supplied loose in box, taped on reel an...g V w Bulk (lt: 6.0 mm) Ammopack Reel (pitch: 22.5 mm - 27.5 mm) Reel (pitch: 5.0 mm - 15.0 mm) V...
Description AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type

File Size 130.36K  /  13 Page

View it Online

Download Datasheet

    Supertex, Inc.
Part No. HV5622Pg-M919-g
OCR Text ...king bottom marking y y w w hv5622pg l l l l l l l l l cccccccc aa a yy = year sealed ww = week sealed l = lot number c = country of origin* a = assembler id* = green packagin g *may be part of top marking top marking bot...
Description
File Size 719.94K  /  8 Page

View it Online

Download Datasheet

    MKT1820-410_405-G MKT1820-410_405-W MKT1820-422_635-G MKT1820-422_635-V MKT1820-515_405 MKT182008 MKT1820-410/405-G MKT1

Vishay Siliconix
Part No. MKT1820-410_405-g MKT1820-410_405-w MKT1820-422_635-g MKT1820-422_635-V MKT1820-515_405 MKT182008 MKT1820-410/405-g MKT1820-410/405-w MKT1820-422/635-g MKT1820-422/635-V MKT1820-515/405
OCR Text w Marking FEATURES 10 mm to 27.5 mm lead pitch. Supplied loose in box, taped on reel RoHS compliant H 0.6 ENCAPSULATION Plastic c...g Reel dia. 350 mm Reel dia. 500 mm Ammopack Un = 06 = 63 V Un = 01 = 100 V Un = 25 = 250 V Un = ...
Description DC Film Capacitor MKT Radial Potted Type

File Size 127.00K  /  12 Page

View it Online

Download Datasheet

    SR2080CT-G

Comchip Technology
Part No. SR2080CT-g
OCR Text ... resistance (note3) r jc 2.0 c/w c c 3. thermal resistance junction to case. s c h o t t k y b a r r i e r r e c t i f i e r s featu...g thru. sr20150ct -g) qw -bb056 comchip t echnology co., l td. fig.2- maximum non-repetitive surge ...
Description Schottky Barrier Rectifiers Diodes, V<sub&gtRRM</sub&gt=80V, V<sub&gtR</sub&gt=80V, I<sub&gtO</sub&gt=20A

File Size 62.25K  /  3 Page

View it Online

Download Datasheet

For w g Found Datasheets File :: 183273    Search Time::2.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of w g

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7611899375916