Description |
IC 8051 MCU 32K FLASH 32LQFP DEV KIT FOR F060/F062/F063 DEV KIT FOR F005/006/007 FasTrak车辆马克西E级系列的DC - DC转换 XFRMR PwR 115V 8VAC 1.6A FasTrak车辆马克西E级系列的DC - DC转换 FasTrak Maxi E-Grade Family DC-DC Converter FasTrak车辆马克西E级系列的DC - DC转换 FasTrak Maxi E-Grade Family DC-DC Converter FasTrak车辆马克E级系列的DC - DC转换 SOT89, Dual, 1.8 and 3.3V, 250mA/ch, 1Kpcs T&R FasTrak车辆马克西E级系列的DC - DC转换 SOT-89, LDO, 3.3V, 0.35A, 1 Kpcs T&R, Reset Signal FasTrak车辆马克西E级系列的DC - DC转换 SOT-89, LDO, 2.5V, 0.35A, 1 Kpcs T&R, Reset Signal FasTrak车辆马克西E级系列的DC - DC转换 80%-600% CTR rank of PC817XJ0000F FasTrak车辆马克西E级系列的DC - DC转换 80-160% CTR rank of PC817XJ0000F FasTrak车辆马克西E级系列的DC - DC转换 S216S01F with Zero Cross TO-263, LDO, 2.5V, 1A, sleeve SC-63, LDO, 5.0V, 1A, 3K pcs T&R
|