Part Number Hot Search : 
OP161SLA GM195A MAX68 2SD209 13R472C LR1130 F10A40 MMSZ468
Product Description
Full Text Search
  w dual Datasheet PDF File

For w dual Found Datasheets File :: 46558    Search Time::2.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FWSF-OADM-W-TAP-4B-1-LC FWSF-OADM-W-TAP-4B-2-LC

Finisar Corporation.
Part No. FwSF-OADM-w-TAP-4B-1-LC FwSF-OADM-w-TAP-4B-2-LC
OCR Text ...e with RoHS The Finisar OADM-4 w/TAP plug-in module is a passive optical add/drop multiplexer designed for metro access applications that r...dual LC/PC * Equipment side: 4 dual LC/PC * Monitor side: 2 dual LC/PC OADM-w/TAP-4B-2 Plug-in *...
Description CwDM OADM-4 w/TAP Plug-in Module

File Size 155.80K  /  2 Page

View it Online

Download Datasheet





    BAS40-W BAT54SDW BAS70-W BAT54-W BAS70DW-06 BAT54BRW BAT54TW BAS40BRW BAS40DW-04 BAS40DW-05 BAS40DW-06 BAS40TW BAS70BRW

DIODES[Diodes Incorporated]
Diodes Inc.
Diodes, Inc.
Part No. BAS40-w BAT54SDw BAS70-w BAT54-w BAS70Dw-06 BAT54BRw BAT54Tw BAS40BRw BAS40Dw-04 BAS40Dw-05 BAS40Dw-06 BAS40Tw BAS70BRw BAS70Dw-04 BAS70Jw BAS70Tw BAT54ADw BAT54CDw BAT54Dw BAT54Jw
OCR Text ...T-363's (6-pin) SMD's: BAT54-w and BAS40-w & BAS70-w! SOT-23 Dim A B C D E G H J K L M Min 0.37 1.19 2.10 0.89 0.45 1.78 2.65 0.013 0.89...dual, isolated (DS30107) o BAT54Jw dual, jumper isolated (DS30157) o BAT54Tw triple, isolated (DS301...
Description Sub-miniature Schottky Diodes & Arrays in
Sub-miniature Schottky Diodes & Arrays in 超小型肖特基二极

File Size 82.68K  /  4 Page

View it Online

Download Datasheet

    FUJITSU COMPONENT LTD
Part No. FBR522ND09-w
OCR Text ...2 : 12 vdc (d) contact material w : silver-tin oxide indium w1 : silver-tin oxide indium (high power type) (e) custom designation to be assi...dual amplitude (mm) frequency (hz) automotive electronic standard 44 m/s 2 range where chattering ...
Description POwER/SIGNAL RELAY, SPDT, LATCHED, 0.09A (COIL), 9VDC (COIL), 810mw (COIL), 20A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT

File Size 73.12K  /  7 Page

View it Online

Download Datasheet

    M24256-W M24128-W M24128-MN5T M24128-MN6T M24128-MW5T M24128-MW6T M24256 M24128 M24256-WMW6T M24128-BN5T M24128-BN6T M24

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
Part No. M24256-w M24128-w M24128-MN5T M24128-MN6T M24128-Mw5T M24128-Mw6T M24256 M24128 M24256-wMw6T M24128-BN5T M24128-BN6T M24128-wBN5T M24128-wBN6T M24128-wMN5T M24128-wMN6T M24128-wMw5T M24128-wMw6T M24256-BN5T M24256-BN6 M24256-BN6T M24256-wBN5T M24256-wBN6T M24256-wMN5T M24256-wMN6T M24256-wMw5T MM24128-BBN5T MM24128-BBN6T MM24128-BMN5T MM24128-BMN6T MM24128-BMw5T MM24128-BMw6T MM24128-BwBN5T MM24128-BwBN6T MM24128-BwMN5T MM24128-BwMN6T MM24128-BwMw5T MM24128-BwMw6T MM24256-BBN5T MM24256-BBN6T MM24256-BMN5T MM24256-BMN6T MM24256-BMw5T MM24256-BMw6T MM24256-BwBN5T MM24256-BwBN6T MM24256-BwMN5T MM24256-BwMN6T MM24256-BwMw5T MM24256-BwMw6T M24256-Mw6T M24256-Mw5T M24256-MN5T -M24256 M24128-wDL6 M24128-wDL6T M24256-wMw6 M24256-MN6T
OCR Text ...24xxx - 2.5V to 5.5V for M24xxx-w s 8 1 PDIP8 (BN) 0.25 mm frame s s s s s s s s Hardware write Control BYTE and PAGE wRITE (up...dual-in-Line and Plastic Small Outline packages. These memory devices are compatible with the I2C ex...
Description 256KBIT AND 128KBIT SERIAL I²C BUS EEPROM wITHOUT CHIP ENABLE LINES
256KBIT AND 128KBIT SERIAL I²C BUS EEPROM wITHOUT CHIP ENABLE LINES
256/128 Kbit Serial I2C Bus EEPROM without Chip Enable Lines
256KBIT AND 128KBIT SERIAL I2C BUS EEPROM wITHOUT CHIP ENABLE LINES
256/128 Kbit Serial I?C Bus EEPROM without Chip Enable Lines
RECTIFIER SCHOTTKY dual 16A 60V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE
RECTIFIER SCHOTTKY SINGLE 16A 60V 275A-ifsm 0.75V-vf 1mA-ir TO220AC 50/TUBE
256/128 Kbit Serial IC Bus EEPROM without Chip Enable Lines
RECTIFIER SCHOTTKY dual 16A 45V 250A-ifsm 0.55V-vf 0.5mA-ir TO-220AB 50/TUBE
RECTIFIER SCHOTTKY SINGLE 16A 45V 275A-ifsm 0.57V-vf 1mA-ir TO220AC 50/TUBE
32K X 8 I2C/2-wIRE SERIAL EEPROM, PDSO8
256/128 Kbit Serial I?? Bus EEPROM without Chip Enable Lines

File Size 133.94K  /  17 Page

View it Online

Download Datasheet

   
Part No. RGSCD901-R-B-w-D RGSCD900-R-B-B-0
OCR Text w white rg-series single/double pole rocker & paddle switches 1 base part number: series/circuitry/rating 1 /termination 15a 250 vac, 20a ...dual off-on , i-o vertical h dual off-on , i-o horizontal j dielectric strength ul/csa: 1000v - live...
Description ROCKER SwITCH, DPDT, LATCHED, PANEL MOUNT

File Size 109.45K  /  1 Page

View it Online

Download Datasheet

    PS2561D-1Y-W-A PS2561D-1Y-A PS2561DL-1Y-A PS2561DL2-1Y-Q-A PS2561DL2-1Y-H-A PS2561DL-1Y-F3-A PS2561DL-1Y-F3-L-A PS2561DL

Duracell
California Eastern Labs
Part No. PS2561D-1Y-w-A PS2561D-1Y-A PS2561DL-1Y-A PS2561DL2-1Y-Q-A PS2561DL2-1Y-H-A PS2561DL-1Y-F3-A PS2561DL-1Y-F3-L-A PS2561DL-1Y-F3-w-A PS2561DL-1Y-V-A PS2561D-1Y-V-L-A PS2561D-1Y-V-H-A PS2561D-1Y-H-A PS2561DL1-1Y-Q-A PS2561D-1Y-L-A PS2561DL-1Y-L-A PS2561DL-1-V PS2561D-1Y-V-A PS2561DL-1-F3 PS2561DL-1-V-F3
OCR Text ... 200 Q 20 and larger 130 to 260 w 26 and larger 200 to 400 L 40 and larger 50 to 400 N 10 and larger IF = 1 mA, VCE = 5 V IF = 1 mA, VCE = 5 V IF = 5 mA, VCE = 5 V IF = 1 mA, VCE = 5 V IF = 5 mA, VCE = 5 V IF = 1 mA, VCE = 5 V IF = 5 mA, VC...
Description DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110°C

File Size 223.03K  /  17 Page

View it Online

Download Datasheet

    C5430-DUAL

Vectron International, Inc
Part No. C5430-dual
OCR Text ... B P Enclosure Type G212 *bei w 24 mm nur untere Lochreihe by w 24 mm only lower hole line Lage im Gurt Position in tape Pin 1 Abw...dual Pb-Free Assembly /Sn-Pb Assembly 3C/second max. 150c 200c 60-180 seconds 3C/second max. 217C 6...
Description Surface Mount Package

File Size 200.30K  /  6 Page

View it Online

Download Datasheet

    C5310-DUAL

Vectron International, Inc
Part No. C5310-dual
OCR Text ...B P Enclosure Type G218B *bei w 24 mm nur untere Lochreihe by w 24 mm only lower hole line Lage im Gurt Position in tape Pin 1 Abw...dual Pb-Free Assembly /Sn-Pb Assembly 3C/second max. 150c 200c 60-180 seconds 3C/second max. 217C 6...
Description Surface Mount Package

File Size 143.79K  /  6 Page

View it Online

Download Datasheet

    VX-401-DUAL

Vectron International, Inc
Part No. VX-401-dual
OCR Text ...face. enclosure type tape width w (mm) quantity per meter quantity per reel dimension p g218b/g223b 24 500 12 *bei w 24 mm nur untere lochreihe ? by w 24 mm only lower hole line gurtoberseite tape upper side gurtunterseite...
Description Voltage Controlled Crystal Oscillator

File Size 370.19K  /  6 Page

View it Online

Download Datasheet

For w dual Found Datasheets File :: 46558    Search Time::2.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of w dual

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0908229351044