Part Number Hot Search : 
P83CL410 FN2293 M7CA005 16ST6125 S4806CBI 1209DH SP691A DAC7641
Product Description
Full Text Search
  vce Datasheet PDF File

For vce Found Datasheets File :: 41413    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ... Conditions VCB = 80V, IE = 0 vce = 40V, IB = 0 VEB = 6V, IC = 0 IC = 25mA, IB = 0 vce = 4V, IC = 0.5A IC = 2A, IB = 0.05A vce = 12V, IC = 0.2A, f = 10MHz IC = 1A, IB1 = 0.05A, IB2 = - 0.1A, VCC = 50V min typ max 100 100 100 U...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet





    2N6295

SEME-LAB[Seme LAB]
Part No. 2N6295
OCR Text ...st Conditions IC = 50mA IB = 0 vce = Rated VCB IB = 0 vce = 40V VEB(off) =1 5V Tc = 150C VBE = 5V vce = 3V vce = 3V IB = 8.0mA IB = 40mA IB = 40mA vce = 3V Min. 80 0.5 Typ. Max. Unit V mA 0.5 5.0 2.0 mA mA ON CHARACTERISTICS ...
Description DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR

File Size 14.63K  /  2 Page

View it Online

Download Datasheet

    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text ...H, clamped VCB = -100 V, IE = 0 vce = -100 V, RBE = 51 , Ta = 125 C vce = -100 V, VBE(OFF) = 1.5 V vce = -100 V, VBE(OFF) = 1.5 V, Ta = 125 C VEB = -5.0 V, IC = 0 vce = -5.0 V, IC = -0.5 A* vce = -5.0 V, IC = -3.0 A* vce = -5.0 V, IC = -5.0...
Description Silicon transistor
SILICON POWER TRANSISTOR
7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet

    2SA1018 2SC1473

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1018 2SC1473
OCR Text ...EBO hFE fT Cob * Conditions vce = -120V, IB = 0, Ta = 60C IC = -100A, IB = 0 IE = -1A, IC = 0 vce = -10V, IC = -5mA IC = -50mA, IB = -5mA VCB = -10V, IE = 10mA, f = 200MHz VCB = -10V, IE = 0, f= 1MHz min typ max -1 Unit A V ...
Description Silicon PNP epitaxial planer type

File Size 35.59K  /  2 Page

View it Online

Download Datasheet

    2SA1022 2SC2295

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1022 2SC2295
OCR Text ...5C) Symbol ICBO ICEO IEBO hFE* vce(sat) VBE fT NF Zrb Cre Conditions VCB = -10V, IE = 0 vce = -20V, IB = 0 VEB = -5V, IC = 0 vce = -10V, IC = -1mA IC = -10mA, IB = -1mA vce = -10V, IC = -1mA VCB = -10V, IE = 1mA, f = 200MHz VCB = -10V, IE ...
Description Silicon PNP epitaxial planer type

File Size 37.20K  /  2 Page

View it Online

Download Datasheet

    2SA1029 2SA1030

HITACHI[Hitachi Semiconductor]
Part No. 2SA1029 2SA1030
OCR Text ...18 V, IE = 0 VEB = -2 V, IC = 0 vce = -12 V, I C = -2 mA vce = -12 V, I C = -2 mA I C = -10 mA, I B = -1 mA VCB = -12 V, I C = -2 mA VCB = -10 V, IE = 0, f = 1 MHz Min -30 -30 -5 -- -- 100 -- -- 200 -- Typ -- -- -- -- -- -- -- -- 280 ...
Description Silicon PNP Transistor
Silicon PNP Epitaxial

File Size 23.58K  /  5 Page

View it Online

Download Datasheet

    2SA1031 2SA1032 2SA1031B 2SA1031D

HITACHI[Hitachi Semiconductor]
Microsemi, Corp.
Part No. 2SA1031 2SA1032 2SA1031B 2SA1031D
OCR Text ...18 V, IE = 0 VEB = -2 V, IC = 0 vce = -12 V, I C = -2 mA vce = -12 V, I C = -2 mA I C = -10 mA, I B = -1 mA vce = -12 V, I C = -2 mA VCB = -10 V, IE = 0, f = 1 MHz vce = -6 V, I C = -0.1 mA, Rg = 500 , f = 120 Hz Min -30 -30 -5 -- -- 100...
Description Silicon PNP Transistor
Silicon PNP Epitaxial
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
5-Pin &#181;P Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路

File Size 30.18K  /  7 Page

View it Online

Download Datasheet

    2SA1034 2SA1035 2SC2406 2SC2405

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1034 2SA1035 2SC2406 2SC2405
OCR Text ...O Conditions VCB = -10V, IE = 0 vce = -10V, IB = 0 IC = -10A, IE = 0 IC = -2mA, IB = 0 IE = -10A, IC = 0 vce = -5V, IC = -2mA IC = -100mA, IB = -10mA*2 vce = -1V, IC = -100mA*2 VCB = -5V, IE = 2mA, f = 200MHz vce = -10V, IC = -1mA, GV = 80d...
Description Silicon PNP epitaxial planer type

File Size 50.24K  /  3 Page

View it Online

Download Datasheet

    BTB1238AM3

Cystech Electonics Corp.
Part No. BTB1238AM3
OCR Text ...t gain---hfe ta=75c ta=25c 125c vce=2v current gain vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) current gain---hfe ta=75c ta=25c 125c vce=5v saturation voltage vs collector current 10 100 1000 1 10 100 100...
Description Silicon PNP Epitaxial Planar Transistor

File Size 209.73K  /  7 Page

View it Online

Download Datasheet

For vce Found Datasheets File :: 41413    Search Time::1.406ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of vce

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5323021411896