|
|
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
Part No. |
MAX6360 MAX6360LRUK-T MAX6360LRUT-T MAX6360LSUK-T MAX6360LSUT-T MAX6360LTUK-T MAX6360LTUT-T MAX6360MRUK-T MAX6360MRUT-T MAX6360MSUK-T MAX6360MSUT-T MAX6360MTUK-T MAX6360MTUT-T MAX6360SYUK-T MAX6360SYUT-T MAX6360TYUK-T MAX6360TYUT-T MAX6353SYUK-T MAX6353SYUT-T MAX6357TYUK-T MAX6357TYUT-T MAX6351 MAX6358TYUT-T MAX6358TYUK-T MAX6355MSUT-T MAX6358SYUT-T MAX6358SYUK-T MAX6352 MAX6352TYUT-T MAX6352TYUK-T MAX6352SYUT-T MAX6352SYUK-T MAX6352MTUT-T MAX6352MTUK-T MAX6352MSUT-T MAX6358MTUT-T MAX6358MTUK-T MAX6358MSUT-T MAX6358MSUK-T MAX6358MRUT-T MAX6358MRUK-T MAX6358LTUT-T MAX6358LTUK-T MAX6358LSUT-T MAX6358LSUK-T MAX6358LRUT-T MAX6358LRUK-T MAX6355SYUK-T MAX6355SYUT-T MAX6354SYUK-T MAX6351LRUK-T MAX6351LRUT-T MAX6351LSUK-T MAX6351LSUT-T MAX6351LTUK-T MAX6351LTUT-T MAX6351MRUK-T MAX6351MRUT-T MAX6351MSUK-T MAX6351MSUT-T MAX6351MTUK-T MAX6351MTUT-T MAX6351SYUK-T MAX6351SYUT-T MAX6351TYUK-T MAX6351TYUT-T MAX6352LRUK-T MAX6352LRUT-T MAX6352LSUK-T MAX6352LSUT-T MAX6352LTUK-T MAX6352LTUT-T MAX6352MRUK-T MAX6352MRUT-T MAX6352MSUK-T MAX6353 MAX6353LRUK-T MAX6353LRUT-T MAX6353LSUK-T MAX6353LSUT-T MAX6353LTUK-T MAX6353LTUT-T MAX6353MRUK-T MAX6353MRUT-T MAX6353MSUK-T MAX6353MSUT-T MAX6353MTUK-T MAX635
|
OCR Text |
...ure o Guaranteed RESET Valid to VCC5 = 1V or VCC3 = 1V o Power-Supply Transient Immunity o No External Components for Dual-Voltage Systems o...0V, VCC3 = 3.3V) SUPPLY CURRENT (A) 15 ICC5 (VCC5 = 3.3V, VCC3 = 2.5V) 10
5.0 4.5 4.0 3.5 RESET (... |
Description |
Dual/Triple-Voltage μP Supervisory Circuits 1-W Mono Audio Power Amplifier 16-SOIC 1-W Mono Audio Power Amplifier 8-SOIC 97 SERIES SOLDER TYPE INSERTS, BODY STYLE, CRIMP/SOLDER TERMINATION, 36 SHELL SIZE, 36-10 INSERT ARRANGEMENT, GENDER, 48 CONTACTS 36-10 (48 Contacts) Pin Insert; For Use With:Amphenol MIL-C-5015 97 Series Circular Connectors; No. of Contacts:48; Gender:Male; Operating Voltage 36-403 (52 Contacts) Pin Insert; For Use With:Amphenol MIL-C-5015 97 Series Circular Connectors; No. of Contacts:52; Gender:Male; Operating Voltage:700V 80-mW DirectPath(TM) Stereo Headphone Amplifier 20-QFN -40 to 85 Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:41 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:50ohm; Leaded Process Compatible:Yes; Temperature Max:60 C RoHS Compliant: Yes Paired Cable; Number of Conductors:7; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes Dual/Triple-Voltage レP Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 Dual/Triple-Voltage レP Supervisory Circuits 三电压监控电路レP Dual/Triple-Voltage P Supervisory Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual/Triple-Voltage ?? Supervisory Circuits
|
File Size |
105.33K /
8 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|