Part Number Hot Search : 
1SM5942B PGM2003 2SC1906Y EN25S CM1451 EN25S D12NF MAX15026
Product Description
Full Text Search
  v-z4.7v Datasheet PDF File

For v-z4.7v Found Datasheets File :: 32    Search Time::2.109ms    
Page :: | <1> | 2 | 3 | 4 |   

    SGA-9289

Stanford Microdevices
Part No. SGA-9289
OCR Text ...nction Temperature Symbol IB IC V C EO V C BO V EBO TOP Tstor TJ Value 20 400 7.0 18 4.8 -40 to +85 -40 to +150 +150 Unit mA mA V V V C C C ...Z4 Z5 Z6 Z7 Z8 Value 50 Ohms, 19 deg. @ 915 MHz 50 Ohms, 6 deg. @ 915 MHz 50 Ohms, 9.3 deg. @ 915...
Description Silicon Germanium HBT Amplifier

File Size 159.08K  /  10 Page

View it Online

Download Datasheet





    TEA7063 TEA7063DP TEA7063FP 1063

SGS Thomson Microelectronics
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. TEA7063 TEA7063DP TEA7063FP 1063
OCR Text ...IDETONE IMPEDANCE BUFFER OUTPUT V-REF DTMF INPUT MICROPHONE INPUT I-REF I START SQUEEZING THRESHOLD 1 2 3 4 5 6 7 8 9 10 D93TL021 20 ...Z4 (at pin 3). Zout = 10.65 xZ4 The total AC impedance shown to the line is the parallel Zpar = Z ou...
Description From old datasheet system
SPEECH CIRCUIT WITH POWER MANAGEMENT

File Size 226.61K  /  15 Page

View it Online

Download Datasheet

    AH9479 AH9479Z4-G1 AH9480M8TR-G1 AH9481Z5-G1 AH9480 AH9481 AH9481M8TR-G1

Diodes
BCD Semiconductor Manufacturing Limited
Part No. AH9479 AH9479Z4-G1 AH9480M8TR-G1 AH9481Z5-G1 AH9480 AH9481 AH9481M8TR-G1
OCR Text ...bol value unit supply voltage v cc 18 v peak output current i out_p 500 ma continuous output current i out_c 300 ma fg/rd pull-up voltage v fg /v rd 18 v fg/rd output current i fg /i rd 10 ma to-94 550 to-95 600 pow...
Description Smart Phase Low Noise Smart Motor Driver
Single Phase Low Noise Smart Motor Driver Full Bridge Driver

File Size 370.56K  /  16 Page

View it Online

Download Datasheet

    TY Semiconductor Co., Ltd
Part No. BZX84-A3V6
OCR Text ...g voltage range: nom. 2.4 to 75 v (e24 range) non-repetitive peak reverse power dissipation: max. 40 w. applications general regulation fu...z4 bzx84-b75 z86 or * r7 bzx84-b4v7 z57 or * s8 bzx84-b12 z67 or * z7 bzx84-b33 z77 or * y1 -- bzx84...
Description General regulation functions.

File Size 116.80K  /  7 Page

View it Online

Download Datasheet

    MAXIM - Dallas Semiconductor
Part No. MAX2700EVKIT MAX2701EVKIT
OCR Text ...ormula: Voltage Gain = 20 log[((V OUTp-p ) / (2 VIN (RMS)] VIN (RMS) = SQRT(50 10-3 10Pin(dBm)/10) Voltage Gain should be nominally 19.3dB...Z4 5pF 6 LNAIN RFIN Z1 4.7nH GND 7 GNDRF 8 GND GAINSET R5 100 9 C6 1000pF 10 SHDNB C7 1000pF R6 100 ...
Description Evaluation Kits for the MAX2700/MAX2701

File Size 587.30K  /  9 Page

View it Online

Download Datasheet

    BXZ84C15 BXZ84C11 BXZ84C12 BXZ84C20 BXZ84C18 BXZ84C22 BXZ84C2V7 BXZ84C24 BXZ84C10 BXZ84C13 BXZ84C16 BXZ84C27 BXZ84C30 BX

First Components International
Part No. BXZ84C15 BXZ84C11 BXZ84C12 BXZ84C20 BXZ84C18 BXZ84C22 BXZ84C2V7 BXZ84C24 BXZ84C10 BXZ84C13 BXZ84C16 BXZ84C27 BXZ84C30 BXZ84C33 BXZ84C36 BXZ84C5V6 BXZ84C5V1 BXZ84C51
OCR Text ...forward voltage @ i f = 10ma...v f thermal resistance, junction to ambient...r q ja operating & storage temperature range...t j , t strg .....z4 z5 z6 z7 z8 z9 y1 y2 y3 y4 y5 y6 y7 y8 y9 y10 y11 y12 y13 y14 y15 y16 y17 marking code tc (%/ o c...
Description 350 mW ZENER DIODES (2.7V to 51V) 5 VOLTAGE TOLERANCE

File Size 119.32K  /  3 Page

View it Online

Download Datasheet

    NC7SV74K8XNL

Fairchild Semiconductor
Part No. NC7SV74K8XNL
OCR Text ...e operating range (0.9v to 3.6v v cc ) and applications that require more drive and speed than the tinylogic ulp series, but still require l...z4 pb-free 8-lead micropak, 1.6 mm wide 5k units on tape and reel www.fairchildsemi.com 2 nc7sv74 ...
Description TinyLogic ULP-A D-Type Flip-Flop with Preset and Clear

File Size 226.44K  /  10 Page

View it Online

Download Datasheet

    FAIRCHILD SEMICONDUCTOR CORP
FAIRCHILD[Fairchild Semiconductor]
Part No. NC7SV74K8X NC7SV74L8X NC7SV74
OCR Text ...(TA) Minimum Input Edge Rate (t/V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V Note 1: Absolute Maximum Ratings: are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The...
Description TinyLogic ULP-A D-Type Flip-Flop

File Size 223.90K  /  10 Page

View it Online

Download Datasheet

    AME, Inc.
Diodes, Inc.
Part No. BXZ84C3V3 BXZ84C5V1 BXZ84C8V2 BXZ84C4V7
OCR Text ...forward voltage @ i f = 10ma...v f thermal resistance, junction to ambient...r q ja operating & storage temperature range...t j , t strg .....z4 z5 z6 z7 z8 z9 y1 y2 y3 y4 y5 y6 y7 y8 y9 y10 y11 y12 y13 y14 y15 y16 y17 marking code tc (%/ o c...
Description 350 mW ZENER DIODES (2.7V to 51V) 350毫瓦齐纳二极管(2.7V1V

File Size 108.70K  /  2 Page

View it Online

Download Datasheet

For v-z4.7v Found Datasheets File :: 32    Search Time::2.109ms    
Page :: | <1> | 2 | 3 | 4 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of v-z4.7v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.75501298904419