Part Number Hot Search : 
AZ393MTR R2565 RT424005 PDN006S BCR321 SG6859A 102J0 IN4731
Product Description
Full Text Search
  usb-rs232 Datasheet PDF File

For usb-rs232 Found Datasheets File :: 521    Search Time::2.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    STI7710 ST7710-STDVB STI7710ZUA

意法半导
STMicroelectronics
ST Microelectronics
Part No. STI7710 ST7710-STDVB STI7710ZUA
OCR Text ...pherals, including a high-speed USB host interface, and provides connectivity options, including the ability to provide DVR capability. F...RS232 8VSB Rx USB 2.0 PSTN Smart cards HDD MAFE Rev. 1 September 2004 1/3 STI7710 FEATURES...
Description Single chip, low-cost high definition STB decoder
Single-chip, low-cost high definition set-top box decoder
STi7710 databrief

File Size 67.90K  /  3 Page

View it Online

Download Datasheet





    KX-TDA5

Panasonic Semiconductor
Part No. KX-TDA5
OCR Text ...nsole, 12 key add-on module and USB port options) are available in charcoal/black or white. Models Features LCD Line Keys Speakerphon...RS232 and a USB port for onsite access. The system can also be set up so it can be accessed remotely...
Description A complete communications solution

File Size 2,120.87K  /  12 Page

View it Online

Download Datasheet

    VV6410 VV6410C036 VV6411 VV6411C036 VV6500 VV6500C001 VGA-E04 VGA-E01 CIF-E04 STV0680 STV-DCA_CIF-E01 STV-DCA_CIF-E04 ST

STMICROELECTRONICS[STMicroelectronics]
Part No. VV6410 VV6410C036 VV6411 VV6411C036 VV6500 VV6500C001 VGA-E04 VGA-E01 CIF-E04 STV0680 STV-DCA_CIF-E01 STV-DCA_CIF-E04 STV-DCA_VGA-E01 STV-DCA_VGA-E04
OCR Text ...AM, and uploaded to the PC over USB or RS232, to be played back using an OEM software application developed using the SDK With the addition of playback hardware, recorded audio sounds can also be played back on the camera, and it is possibl...
Description From old datasheet system
DUAL-MODE DIGITAL CAMERA CHIPSET

File Size 560.72K  /  63 Page

View it Online

Download Datasheet

    VV6501 VV6501C001 STV-6411C-D01 STV-6501C-D01 STV-681-E01 STV-681-M01 VV6411 VV6411C036

STMICROELECTRONICS[STMicroelectronics]
Part No. VV6501 VV6501C001 STV-6411C-D01 STV-6501C-D01 STV-681-E01 STV-681-M01 VV6411 VV6411C036
OCR Text ... can be uploaded to the PC over USB or RS232, and played back using a Software application developed by the OEM using the SDK. Demonstration PC software with source code is available with the Evaluation Kit (EVK). With suitable OEM software...
Description DUAL-MODE DIGITAL CAMERA CO-PROCESSOR

File Size 348.78K  /  44 Page

View it Online

Download Datasheet

    FT8U232 FT8U232AM FT232AM

Electronic Theatre Controls, Inc.
ETC
FTDI
Future Technology Devices International Ltd.
Part No. FT8U232 FT8U232AM FT232AM
OCR Text USB UltraBaud Data Transfer IC with RS232 / RS422 and CPU I/F Options FEATURES * * * * * * * * * * * * * * Single Chip Multi-Function Data Transfer Solution RS232 link from 300 baud to 920K baud RS422/RS485 Link to 2000K baud 384 byte rece...
Description U-UART - USB UltraBaud Data Transfer IC with RS232 / RS422 and CPU I/F Options

File Size 39.59K  /  13 Page

View it Online

Download Datasheet

    AAT4612 AAT4612IGV-T1 AAT4612IJS-T1

Advanced Analogic Technologies, Inc.
ANALOGICTECH[Advanced Analogic Technologies]
Part No. AAT4612 AAT4612IGV-T1 AAT4612IJS-T1
OCR Text ...ion of peripheral ports such as USB, RS232 and parallel ports. 6 4612.2002.1.0.9 AAT4612 Current Limited Load Switch Applications Information Input Capacitor The input capacitor, CIN protects the power supply from current transi...
Description Current Limited Load Switch

File Size 256.08K  /  10 Page

View it Online

Download Datasheet

    AAT4618 AAT4618IGV-1-T1 AAT4618IGV-T1 AAT4618IJS-1-T1 AAT4618IJS-T1

Advanced Analogic Technologies, Inc.
ANALOGICTECH[Advanced Analogic Technologies]
Part No. AAT4618 AAT4618IGV-1-T1 AAT4618IGV-T1 AAT4618IJS-1-T1 AAT4618IJS-T1
OCR Text ...ons * * * * * Peripheral ports USB Ports Notebook computers Personal communication devices Hot swap supplies Typical Application INPUT ...RS232 and parallel ports. 6 4618.2002.2.0.9 AAT4618 Current Limited Load Switch Applicatio...
Description CB 17C 17#16 PIN RECP BOX 电流限制负荷开
Current Limited Load Switch

File Size 223.30K  /  10 Page

View it Online

Download Datasheet

    MPC5200BV400 MPC5200CBV266 MPC5200CBV400 MPC5200ID SPC5200CBV400

MOTOROLA[Motorola, Inc]
Part No. MPC5200BV400 MPC5200CBV266 MPC5200CBV400 MPC5200ID SPC5200CBV400
OCR Text ... Bus Interface, PCI Controller, USB, ATA, Ethernet, six Programmable Serial Controllers (PSC), I2C, SPI, CAN, J1850, Timers, and GPIOs. 2...RS232 interface CODEC interface for Soft Modem, Master/Slave CODEC Mode, I2S and AC97 Full duplex SP...
Description MPC5200 Hardware Specifications

File Size 921.66K  /  76 Page

View it Online

Download Datasheet

    CP2101

CYGNAL Integrated Products Inc
ETC[ETC]
List of Unclassifed Manufacturers
Part No. CP2101
OCR Text USB to UART Bridge SINGLE-CHIP USB to UART DATA TRANSFER - Integrated USB Transceiver; No External Resistors VIRTUAL COM PORT DEVICE DRIVER...RS232 designs to USB using a minimum of components and PCB space. The CP2101 includes a USB 2.0 full...
Description Single-Chip USB to UART Bridge

File Size 239.69K  /  14 Page

View it Online

Download Datasheet

    N010-0550- N010-0550-T341 N010-0510-T302 N010-0510-T211 NC41120-0015 FID-550 N010-0550-T511 N010-0550-T601 N010-0550-T61

Fujitsu, Ltd.
Fujitsu Limited
Fujitsu Component Limited.
FUJITSU[Fujitsu Media Devices Limited]
Fujitsu Microelectronics
Fujitsu Component Limit...
Part No. N010-0550- N010-0550-T341 N010-0510-T302 N010-0510-T211 NC41120-0015 FID-550 N010-0550-T511 N010-0550-T601 N010-0550-T611 N010-0550-T621 N010-0550-T711 N010-0550-T811 N010-0550-T913 N010-0551-T242 N010-0559-V022 N16B-0558-B240 N16B-0558-B720
OCR Text ...0 Type 7-Wire, RS232 7-Wire, USB N010-0550-T711 12.1" N010-0551-T242 N010-0550-T811 s PART NUMBERS Interface Controller Chips: 12.1" Pen/Finger (light touch type) 11.3 Pen/Finger Pen only Pen/Finger Part Number N010-0559-V022...
Description Stainless Steel Clips 电阻式触摸屏规格
PLASTIC ID HOLD DOWN CLIP
RELAY
STANDARD Resistive Touch Panel Specification

File Size 325.89K  /  7 Page

View it Online

Download Datasheet

For usb-rs232 Found Datasheets File :: 521    Search Time::2.453ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of usb-rs232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.7849869728088