Part Number Hot Search : 
100D12N2 PJSMS05C APM7322K 06BCP PC120FI AD9040A D0303 LN849RPH
Product Description
Full Text Search
  unmanaged Datasheet PDF File

For unmanaged Found Datasheets File :: 291    Search Time::2.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BCM5318

Broadcom Corporation.
ETC
Part No. BCM5318
OCR Text ...ialize and run in costsensitive unmanaged applications-providing true Plug and Play connectivity. Very low power and small footprint enables more costeffective system options. Ability to gather and support basic management statistics with o...
Description RoboSwitch-plus 8-PORT 10/100 Switch with on-chip packet buffer memory
8 PORT 10/100 SWITCH WITH ON CHIP PACKET

File Size 392.32K  /  2 Page

View it Online

Download Datasheet





    BCM5388

ETC[ETC]
Part No. BCM5388
OCR Text ...erface for easy setup and smart unmanaged operation Classifies packets using 4 802.1p QoS or DiffServ/TOS priority queues VLAN 4K 802.1Q or port-based supported Supports up to 8k unicast MAC addresses Supports MAC-based port aggregation (tr...
Description 8 GE PORT SWITCH WITH INTEGRATED GE COPPER PHY

File Size 217.77K  /  2 Page

View it Online

Download Datasheet

    BCM5646 BCM564603

BOARDCOM[Broadcom Corporation.]
ETC
Part No. BCM5646 BCM564603
OCR Text ...es a low-cost I2C interface for unmanaged applications, as well as a 33MHz PCI interface for higher management and network service requirements. The flow metering and monitoring of the StrataSwitch IITM enables many new applications and ser...
Description StrataSwitch® II Integrated Multilayer Switch
STRATASWITCH II BCM5646 INTEGRATED MULTI-LAYER SWITCH
INTEGRATED MULTI LAYER SWITCH

File Size 98.36K  /  2 Page

View it Online

Download Datasheet

    ZL50405 ZL50405GDC

ZARLINK[Zarlink Semiconductor Inc]
Part No. ZL50405 ZL50405GDC
OCR Text ... in lightly managed mode, or in unmanaged mode with optional I2C EEPROM interface Failover Features * Rapid link failure detection using hardware-generated heartbeat packets * link failover in less than 50 ms Rate Control (both ingress and ...
Description Managed5-Port 10/100 M Ethernet Switch

File Size 693.77K  /  132 Page

View it Online

Download Datasheet

    ICS1892 ICS1892Y ICS1892Y-10 ICS1892Y-14

ICST[Integrated Circuit Systems]
Part No. ICS1892 ICS1892Y ICS1892Y-10 ICS1892Y-14
OCR Text ...switch applications Managed and unmanaged applications 10M or 100M half- and full-duplex modes Parallel detection Auto-negotiation, with Next Page capabilities * Highly configurable design supports: * MAC/Repeater Interface can be con...
Description 10Base-T/100Base-TX Integrated PHYceiver

File Size 759.74K  /  148 Page

View it Online

Download Datasheet

    ICS1893 ICS1893Y-10

ICST[Integrated Circuit Systems]
Part No. ICS1893 ICS1893Y-10
OCR Text ...The ICS1893 supports managed or unmanaged node, repeater, and switch applications. The ICS1893 incorporates digital signal processing (DSP) in its Physical Medium Dependent (PMD) sublayer. As a result, it can transmit and receive data on un...
Description 3.3-V 10Base-T/100Base-TX Integrated PHYceiver⑩

File Size 981.70K  /  152 Page

View it Online

Download Datasheet

    NWK954 NWK954CG NWK954D NWK954GH1N

MITEL[Mitel Networks Corporation]
Part No. NWK954 NWK954CG NWK954D NWK954GH1N
OCR Text ...e NWK954 is a fully integrated, unmanaged, 4-port Fast Ethernet Repeater conforming to the IEEE 802.3 100BASE-TX Standard. The device integrates the 802.3 Repeater functions with four 100BASE-TX PHY modules, enabling direct connection to th...
Description QUAD FAST ETHERNET REPEATER

File Size 172.61K  /  17 Page

View it Online

Download Datasheet

For unmanaged Found Datasheets File :: 291    Search Time::2.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of unmanaged

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.0863099098206