Part Number Hot Search : 
TMP4799C TC74H MB65S15C M5240 KBPC1014 IR2E51Y 82845 200BG
Product Description
Full Text Search
  type Datasheet PDF File

For type Found Datasheets File :: 265456    Search Time::3.204ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Vectron International, Inc.
Part No. J-type
OCR Text type Voltage Controlled Crystal Oscillator Features * Output Frequencies from 1.024 MHz to 250.000 MHz * +3.3 or +5.0 volt options * Small 14mm x 9mm J-type Package * CMOS or PECL Outputs * Low phase noise and custom options * 0/70 C o...
Description Voltage Controlled Crystal Oscillator

File Size 125.07K  /  8 Page

View it Online

Download Datasheet





    ADAPTERS-TYPE-NSMA TYPE-NSMA TYPE-N_SMA ADAPTERS-TYPE-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50

RF连接
MINI[Mini-Circuits]
http://
Part No. ADAPTERS-type-NSMA type-NSMA type-N_SMA ADAPTERS-type-N_SMA NF-SF50 NF-SM50 NM-SF50 NM-SM50
OCR Text type-N/SMA 50, DC to 18 GHz Features * flat response * excellent VSWR, 1.10:1 typ. up to 12.4 GHz and 1.15:1 typ. up to 18 GHz * passivated stainless steel * low cost adapters, available from stock NE W! Applications * interconnec...
Description 50OHM/ DC to 18 GHz
50OHM / DC to 18 GHz
50OHM, DC to 18 GHz
50OHM, DC to 18 GHz

File Size 54.07K  /  1 Page

View it Online

Download Datasheet

    VECTRON[Vectron International, Inc]
Part No. J-type
OCR Text type Voltage Controlled Crystal Oscillator Features * Output Frequencies from 1.024 MHz to 250.000 MHz * +3.3 or +5.0 volt options * Small 14mm x 9mm J-type Package * CMOS or PECL Outputs * Low phase noise and custom options * 0/70 C o...
Description Voltage Controlled Crystal Oscillator

File Size 121.92K  /  8 Page

View it Online

Download Datasheet

    5962-0324601Q9A 5962-0324601QXC 5962-0324601V9A 5962-0324601VXC TSC695FL-14

ATMEL Corporation
Part No. 5962-0324601Q9A 5962-0324601QXC 5962-0324601V9A 5962-0324601VXC TSC695FL-14
OCR Text ...] ROMCS ROMWRT MEMCS[9:0] MEMWR type I/O, I/O I/O I/O I/O I/O I/O I/O I/O I/O O I/O I/O I/O I/O I/O O O O I O O I O O For pin assignment, refer to package section. Active Description 32-bit registered address bus Output buffer: 400...
Description Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
Integer Unit Based on SPARC V7 High-performance RISC Architecture

File Size 3,184.38K  /  42 Page

View it Online

Download Datasheet

    2SA1022 2SC2295

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1022 2SC2295
OCR Text type For high-frequency amplification Complementary to 2SC2295 Unit: mm s Features q q 2.8 -0.3 0.650.15 +0.2 +0.25 1.5 -0.05 0.650.15 0.95 High transition frequency fT. Mini type package, allowing downsizing of the ...
Description Silicon PNP epitaxial planer type

File Size 37.20K  /  2 Page

View it Online

Download Datasheet

    2SA1034 2SA1035 2SC2406 2SC2405

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1034 2SA1035 2SC2406 2SC2405
OCR Text type For low-frequency and low-noise amplification Complementary to 2SC2405 and 2SC2406 Unit: mm s Features q q q 2.9 -0.05 Parameter Collector to base voltage Collector to 2SA1034 2SA1035 2SA1034 Symbol VCBO VCEO VEBO ICP IC...
Description Silicon PNP epitaxial planer type

File Size 50.24K  /  3 Page

View it Online

Download Datasheet

    494-10SURT_S530-A3 494-10SURT/S530-A3

Everlight Electronics Co., Ltd
Part No. 494-10SURT_S530-A3 494-10SURT/S530-A3
OCR Text type LED Lamps 494-10SURT/S530-A3 Features : Choice of various viewing angles Available on tape and reel. Reliable and robust Pb free The product itself will remain within RoHS compliant version. Descriptions : The s...
Description 3.0mm Very Wide Angle type LED Lamps

File Size 90.89K  /  6 Page

View it Online

Download Datasheet

    43013211 4301.3201 4301.3202 4301.3204 4301.3213 4301.3203 4301.3211 4301.3212 4301.3214

Schurter Inc.
Part No. 43013211 4301.3201 4301.3202 4301.3204 4301.3213 4301.3203 4301.3211 4301.3212 4301.3214
OCR Text ...05 Dimensions Screw-on mounting type KEA-PRINT o 6.3x90 2.2 2 44mm Power entry modules without line filter N 4 1-pole 3 18.9 o 3.2 41.4 12.7 2-pole 5 3 20.3 R4 27.2 5.1 R2.5 36 0.1 31.2 M3/o3.6 0 +0.2 0...
Description IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB

File Size 487.05K  /  4 Page

View it Online

Download Datasheet

For type Found Datasheets File :: 265456    Search Time::3.204ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of type

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6970829963684