Part Number Hot Search : 
FQB2P25 Z2PK202H LPS174 MGF0840G LTM4601A SG1825CJ 29L473C H838600R
Product Description
Full Text Search
  turn-on Datasheet PDF File

For turn-on Found Datasheets File :: 98999    Search Time::2.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G

http://
ONSEMI[ON Semiconductor]
Part No. 1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G 1.5SMC7.5AT3 1.5SMC8.2AT3 1.5SMCXXXAT3 15SMC68AT3 1.5SMCXXXAT3G 1.5SMC11AT3 1.5SMC13AT3 1.5SMC15AT3 1.5SMC16AT3 1.5SMC18AT3 1.5SMC20AT3 1.5SMC22AT3 1.5SMC27AT3 1.5SMC36AT3 1.5SMC39AT3 1.5SMC43AT3 1.5SMC47AT3 1.5SMC6.8AT3 1.5SMC62AT3G 1.5SMC82AT3 1.5SMC9.1AT3 1.5SMC91AT3 1.5SMC62AT3 1.5SMC16A 1.5SMC22A 1.5SMC24A 1.5SMC27A 1.5SMC43A 1.5SMC47A 1.5SMC51A 1.5SMC56A 1.5SMC68A 1.5SMC82A 1.5SMC15A 1.5SMC62A 1.5SMC75A 1.5SMC75AT3
OCR Text ...in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. This inductive effect produces an overshoot in the voltage across the equipment or component being prot...
Description Zener Diode
Transistor Suppressor
High Power
1500 Watt Peak Power Zener Transient Voltage Suppressors
ELR 2/1-230Z
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE

File Size 73.47K  /  8 Page

View it Online

Download Datasheet





    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ...on voltage Transition frequency turn-on time Storage time Fall time (TC=25C) Symbol ICBO ICEO IEBO VCEO hFE * Conditions VCB = 80V, IE = 0 VCE = 40V, IB = 0 VEB = 6V, IC = 0 IC = 25mA, IB = 0 VCE = 4V, IC = 0.5A IC = 2A, IB = 0.05A ...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet

    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text ...voltage Base saturation voltage turn-on time Storage time IEBO hFE1 hFE2 hFE3 VCE(sat) VBE(sat) ton tstg A s s s * Pulse test PW 350 s, duty cycle 2% hFE CLASSIFICATION Marking hFE2 M 40 to 80 L 60 to 120 K 100 to 200 T...
Description Silicon transistor
SILICON POWER TRANSISTOR
7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet

    2SA1193 2SA1193K

HITACHI[Hitachi Semiconductor]
Part No. 2SA1193 2SA1193K
OCR Text ...e to emitter saturation voltage Turn on time Turn off time Note: 1. Pulse test I CBO I EBO hFE VCE(sat) VBE(sat) t on t off 2 2SA1193(K) Maximum Collector Dissipation Curve 0.9 Collector power dissipation PC (W) Collector current IC ...
Description Silicon PNP Epitaxial/ Darlington
Silicon PNP Epitaxial, Darlington

File Size 33.83K  /  6 Page

View it Online

Download Datasheet

    2SA1194 2SA1194K

Hitachi,Ltd.
HITACHI[Hitachi Semiconductor]
Part No. 2SA1194 2SA1194K
OCR Text ...e to emitter saturation voltage Turn on time Turn off time Note: 1. Pulse test I CBO I EBO hFE VCE(sat) VBE(sat) t on t off Maximum Collector Dissipation Curve 12 Collector power dissipation Pc (W) -10 -3 iC (peak) -1.0 -0.3 -0.1 -0.03 ...
Description Silicon PNP Epitaxial

File Size 34.49K  /  5 Page

View it Online

Download Datasheet

    2SA2004

PANASONIC[Panasonic Semiconductor]
Part No. 2SA2004
OCR Text ...e to emitter saturation voltage turn-on time Storage time Fall time VCE(sat) VBE(sat) ton tstg tf Conditions VCB = -60 V, IE = 0 VCE = -60 V, IE = 0 IC = -10 mA, IB = 0 VCE = -2 V, IC = - 0.1 A VCE = -2 V, IC = -5 A IC = -5 A, IB = - 0.25 A...
Description    Silicon PNP epitaxial planer type

File Size 32.59K  /  1 Page

View it Online

Download Datasheet

    2SA2010

PANASONIC[Panasonic Semiconductor]
Part No. 2SA2010
OCR Text ...apacitance Transition frequency turn-on time *2 Storage time *2 Turn-off time *2 VCB = 10 V, IE = 0, f = 1 MHz VCB = -10 V, IE = 50 mA f = 200 MHz -15 -15 -5 200 100 -140 -270 40 180 35 110 10 -320 mV mV pF MHz ns ns ns 560 Min Typ Max - 0....
Description    Silicon PNP epitaxial planer type

File Size 48.79K  /  2 Page

View it Online

Download Datasheet

    2SA2011 2SC5564

SANYO[Sanyo Semicon Device]
Sanyo Electric Co., Ltd.
Part No. 2SA2011 2SC5564
OCR Text ...itter-to-Base Breakdown Voltage turn-on Time Storage Time Fall Time VCE(sat) VBE(sat) IC=(-)3A, IB=(-)60mA IC=(-)1.5A, IB=(-)30mA (-)15 (-12) 15 (-)5 (35)30 (110) 190 15 Ratings min typ (-)120 (-190) 200 (-)0.85 max (-)180 (-290) 300 (-)1.2...
Description    DC/DC Converter Applications
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
DC/DC Converter Applications 直流/直流转换器应

File Size 48.71K  /  5 Page

View it Online

Download Datasheet

    2SA2012 2SC5565

SANYO[Sanyo Semicon Device]
Part No. 2SA2012 2SC5565
OCR Text ...itter-to-Base Breakdown Voltage turn-on Time Storage Time Fall Time VBE(sat) IC=(-)1.5A, IB=(-)30mA (-30) 40 (-)30 (-)5 (50)30 (270) 300 (25)15 Ratings min typ (-140) 125 (-)170 (-)0.83 max (-210) 190 (-)260 (-)1.2 Unit mV mV mV V V V V V n...
Description    DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 48.24K  /  5 Page

View it Online

Download Datasheet

    2SA2013 2SC5566

SANYO[Sanyo Semicon Device]
Part No. 2SA2013 2SC5566
OCR Text ...itter-to-Base Breakdown Voltage turn-on Time Storage Time Fall Time VBE(sat) IC=(-)2A, IB=(-)100mA (-50) 80 (-)50 (-)6 (30)35 (230) 300 (15)20 Ratings min typ (-105) 85 (-200) 150 (-)0.89 max (-180) 130 (-340) 225 (-)1.2 Unit mV mV mV mV V ...
Description    DC/DC Converter Applications
PNP/NPN Epitaxial Planar Silicon Transistors
PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications

File Size 48.85K  /  5 Page

View it Online

Download Datasheet

For turn-on Found Datasheets File :: 98999    Search Time::2.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of turn-on

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.7223930358887