Part Number Hot Search : 
LC75700T CN100 R6200250 PRODUCTS SMV2640L RM251 IRF740AL 3EZ120D1
Product Description
Full Text Search
  triacs Datasheet PDF File

For triacs Found Datasheets File :: 1367    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Teccor Electronics, Inc.
Part No. SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S2008M12V S2008L12V Q4010F51 Q6010F51 Q4025R5 Q2010NH5 Q2008DH4 Q8004D4 Q8004L4 Q8006N5 Q8006L5 Q8006R5 Q2016LH3 Q4016NH6 L2006V6
OCR Text ...trical Specifications Sensitive triacs - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - E1 triacs - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - E2 QUADRACs - - - - -...
Description 200 V, 6 A sensitive triac
200 V, 16 A alternistor triac
800 V, 6 A triac
200 V, 8 A alternistor triac
400 V, 25 A triac
400 V, 10 A triac
Thyristor Product Catalog
Cross Reference Data to Teccor Part Numbers (See datasheet appendix)
600 V, 10 A triac
200 V, 10 A alternistor triac
800 V, 4 A triac
400 V, 16 A alternistor triac

File Size 2,690.73K  /  224 Page

View it Online

Download Datasheet





    L6008

Teccor Electronics
Part No. L6008
OCR Text ... MT2 MT1 G Sensitive triacs (0.8 A to 8 A) E1 General Description Teccor's line of sensitive gate triacs includes devices with current capabilities through 8 A. Voltage ranges are available from 200 V to 600 V. This line fe...
Description Sensitive triacs

File Size 307.95K  /  8 Page

View it Online

Download Datasheet

    Q67106-A8315 SLB0587G SLB0587 Q67100-A8310

SIEMENS[Siemens Semiconductor Group]
Part No. Q67106-A8315 SLB0587G SLB0587 Q67100-A8310
OCR Text ...tizing current) and insensitive triacs. Approx. 1.5 ms (1.25 ms at 60 Hz) after each trigger pulse from SLB 0587 the conducting state on the triac is sampled via pin 4 of the IC. If the triac still remains turned off, one-shot retriggering ...
Description From old datasheet system
Dimmer IC for Halogen Lamps

File Size 865.47K  /  22 Page

View it Online

Download Datasheet

    BT236X

NXP Semiconductors
Part No. BT236X
OCR Text triacs Rev. 02 -- 14 March 2006 Product data sheet 1. Product profile 1.1 General description Passivated triacs in a full pack, plastic package intended for use in applications requiring high bidirectional transient and blocking volta...
Description 6A Four-quadrant triacs

File Size 104.48K  /  12 Page

View it Online

Download Datasheet

    QXX15LRYTP QXX16NHYRP QXX16RH2 QXX16RH4 QXX16RH3 QXX15NYRP QXX16NHYTP QXX16NH6 QXX16NH4 QXX16NH3 QXX16NH2 Q6016LH651 Q40

Littelfuse
Part No. QXX15LRYTP QXX16NHYRP QXX16RH2 QXX16RH4 QXX16RH3 QXX15NYRP QXX16NHYTP QXX16NH6 QXX16NH4 QXX16NH3 QXX16NH2 Q6016LH651 Q4016LH456
OCR Text triacs Teccor(R) brand Thyristors Qxx15xx & Qxx16xHx Series Description (R) 15 Amp and 16 Amp bi-directional solid state switch series is designed for AC switching and phase control applications such as motor speed and temperat...
Description 15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
15 Amp Standard & 16 Amp Alternistor (High Commutation) triacs
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC

File Size 917.09K  /  9 Page

View it Online

Download Datasheet

    Z0103 Z0103MA Z0103NA Z0103NN Z0109MA Z0107MA Z0107 Z0107NN Z0107MN Z0107NA Z0109 Z0109NN Z0103MN Z0109MN Z0109NA

PHILIPS[Philips Semiconductors]
NXP Semiconductors
Part No. Z0103 Z0103MA Z0103NA Z0103NN Z0109MA Z0107MA Z0107 Z0107NN Z0107MN Z0107NA Z0109 Z0109NN Z0103MN Z0109MN Z0109NA
OCR Text triacs Rev. 02 -- 12 September 2002 Product data 1. Product profile 1.1 Description Passivated triacs in conventional and surface mounting packages. Intended for use in applications requiring high bidirectional transient and blocking ...
Description triacs

File Size 73.90K  /  12 Page

View it Online

Download Datasheet

    PC3SD12NTZ PC3SD12YTZAF PC3SD12NXZAF

Sharp Electrionic Components
Sharp, Corp.
Sharp Electronics, Corp.
Part No. PC3SD12NTZ PC3SD12YTZAF PC3SD12NXZAF
OCR Text ...vers for medium to high current triacs. DIP package provides 5.0kV isolation from input to output with superior commutative noise immunity. Agency approvals/Compliance 1. Recognized by UL1577 (Double protection isolation), file No. E64...
Description VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering
1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5
1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-6/5

File Size 319.22K  /  16 Page

View it Online

Download Datasheet

    BTA16-600SW3G BTA16-600SW3

On Semiconductor
Part No. BTA16-600SW3G BTA16-600SW3
OCR Text triacs Silicon Bidirectional Thyristors Designed for high performance full-wave ac control applications where high noise immunity and high commutating di/dt are required. Features http://onsemi.com * * * * * * * * * Blocking Voltag...
Description Triac, 3 Quadrant Internally Isolated, 10 mA I-GT, 16 A I-T(RMS)
600V 16 A, 10mA Igt 3 Quadrant Internally Isolated Triac

File Size 136.42K  /  6 Page

View it Online

Download Datasheet

    S2S4BY0F S2S4AY0F S2S4RAYF S2S4RY0F S2S4000F S2S4LY0F S2S4RBYF S2S4LA0F S2S4A00F S2S4B00F S2S4L00F S2S4LB S2S4LB0F S2S4R

Sharp Electrionic Components
Central Technologies / CT Magnetics
Part No. S2S4BY0F S2S4AY0F S2S4RAYF S2S4RY0F S2S4000F S2S4LY0F S2S4RBYF S2S4LA0F S2S4A00F S2S4B00F S2S4L00F S2S4LB S2S4LB0F S2S4R00F S2S4RB0F S2S4Y
OCR Text ...vers for medium to high current triacs. SOP package provides 3.75kV isolation from input to output with superior commutative noise immunity. Agency approvals/Compliance 1. Recognized by UL1577 (Double protection isolation), file No. E6...
Description Zero cross type Mini-Flat Package Phototriac Coupler for triggering
1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER LEAD FREE, PLASTIC, MINIFLAT, SOP-4

File Size 254.22K  /  15 Page

View it Online

Download Datasheet

For triacs Found Datasheets File :: 1367    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of triacs

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0361440181732