Part Number Hot Search : 
DTC114Y FDD26AN LBC848 TC1226 123BF IP117 ACTR550 KDZ33V
Product Description
Full Text Search
  transistor Datasheet PDF File

For transistor Found Datasheets File :: 72710    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Motorola Inc
MOTOROLA[Motorola, Inc]
Part No. MJ10023 MJ10022
OCR Text ...nc. 1995 Motorola Bipolar Power transistor Device Data The MJ10022 and MJ10023 Darlington transistors are designed for high-voltage, high-speed, power switching in inductive circuits where fall time is critical. They are particularly suited...
Description 40 AMPERE NPN SILICON POWER DARLINGTON transistorS 350 AND 400 VOLTS 250 WATTS

File Size 300.22K  /  8 Page

View it Online

Download Datasheet





    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text transistor 2SA1010 PNP SILICON EPITAXIAL transistor FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING The 2SA1010 is a mold power transistor developed for highvoltage high-speed switching, and is ideal for use as a driver in devices such as swit...
Description Silicon transistor
SILICON POWER transistor
7 A, 100 V, PNP, Si, POWER transistor, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet

    Motorola Inc
MOTOROLA[Motorola, Inc]
Part No. MJ3281A NH1302A
OCR Text ...y NPN-PNP Silicon Power Bipolar transistor The MJ3281A and MJ1302A are PowerBase power transistors for high power audio, disk head positioners and other linear applications. * Designed for 100 W Audio Frequency * Gain Complementary: -- Gai...
Description 15 AMPERE COMPLEMENTARY SILICON POWER transistorS 200 VOLTS 250 WATTS
COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR transistor

File Size 221.46K  /  6 Page

View it Online

Download Datasheet

    MICREL INC
MICREL[Micrel Semiconductor]
Part No. MIC3289-24YML MIC3289 MIC3289-16YD6 MIC3289-16YML MIC3289-24YD6 MIC3289-16YMLTR
OCR Text ..., PWM generator, bipolar output transistor, digital interface with D/A converter and Schottky rectifier diode. It features true one-wire digital control that may be used to vary the brightness of the output LEDs and place the device into sh...
Description LED DISPLAY DRIVER, DSO8
1.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control

File Size 365.63K  /  13 Page

View it Online

Download Datasheet

    2SA1034 2SA1035 2SC2406 2SC2405

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1034 2SA1035 2SC2406 2SC2405
OCR Text transistor 2SA1034, 2SA1035 Silicon PNP epitaxial planer type For low-frequency and low-noise amplification Complementary to 2SC2405 and 2SC2406 Unit: mm s Features q q q 2.9 -0.05 Parameter Collector to base voltage Collect...
Description Silicon PNP epitaxial planer type

File Size 50.24K  /  3 Page

View it Online

Download Datasheet

    MICREL INC
Micrel Semiconductor, Inc.
MICREL[Micrel Semiconductor]
Part No. MIC2289CYD5 MIC2289C MIC2289C-15BML MIC2289C-15YML MIC2289C-24BML MIC2289C-24YML MIC2289C-34BML MIC2289C-34YML MIC2289CBD5
OCR Text ...generator, 500mA bipolar output transistor, and Schottky rectifier diode. The oscillator generates a 1.2MHz clock. The clock's two functions are to trigger the PWM generator that turns on the output transistor and to reset the slope compens...
Description White LED Driver Internal Schottky Diode and OVP LED DISPLAY DRIVER, DSO8

File Size 269.50K  /  10 Page

View it Online

Download Datasheet

    MOTOROLA[Motorola, Inc]
Part No. MJ410
OCR Text ...nc. 1995 Motorola Bipolar Power transistor Device Data High Voltage NPN Silicon transistors SEMICONDUCTOR TECHNICAL DATA MOTOROLA ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) THERMAL CHARACTERISTICS MAXIMU...
Description 5 AMPERE POWER transistor NPN SILICON

File Size 139.82K  /  4 Page

View it Online

Download Datasheet

    http://
ONSEMI[ON Semiconductor]
Part No. MJB42CT4 MJB41C MJB41CT4 MJB42C MJB41C-D
OCR Text ...the power handling ability of a transistor: average junction temperature and second breakdown. Safe operating area curves indicate IC - VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not...
Description Complementary Silicon Plastic Power transistors D2PAK for Surface Mount
Complementary Silicon Plastic Power transistors 6 A, 100 V, PNP, Si, POWER transistor
Complementary Silicon Plastic Power transistors 6 A, 100 V, NPN, Si, POWER transistor

File Size 123.53K  /  8 Page

View it Online

Download Datasheet

    ONSEMI[ON Semiconductor]
Part No. MJD148T4 MJD148
OCR Text transistor DPAK For Surface Mount Applications Designed for general purpose amplifier and low speed switching applications. * High Gain - 50 Min @ IC = 2.0 A * Low Saturation Voltage - 0.5 V @ IC = 2.0 A * High Current Gain - Bandwidth Pr...
Description NPN Silicon Power transistor

File Size 69.48K  /  6 Page

View it Online

Download Datasheet

    UTC[Unisonic Technologies]
Part No. MJD210
OCR Text transistor PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS DESCRIPTION The UTC MJD210 is designed for low voltage, low-power, high-gain audio amplifier applications. FEATURE *Collector-Emitter Sustaining Voltage VCEO(sus) =25V (Min) @...
Description PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS

File Size 161.20K  /  5 Page

View it Online

Download Datasheet

For transistor Found Datasheets File :: 72710    Search Time::2.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of transistor

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.68426394462585