Part Number Hot Search : 
TIC22 GZ223 PBSS4 GZ223 HM304 OMT253 H60N60 AR912
Product Description
Full Text Search
  transformers inductors Datasheet PDF File

For transformers inductors Found Datasheets File :: 729    Search Time::0.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LT1615 LT1615-1 LT1615ES5 LT1615ES5-1

http://
LINER[Linear Technology]
Linear Technology, Corp.
Part No. LT1615 LT1615-1 LT1615ES5 LT1615ES5-1
OCR Text ...ology without the use of costly transformers. The LT1615's low off-time of 400ns permits the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space-conscious portable applications. , LTC and LT are regist...
Description Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
Micropower Step-Up DC/DC Convertersin SOT-23 0.4 A SWITCHING REGULATOR, PDSO5
Micropower Step-Up DC/DC Convertersin SOT-23 微功率升压直直流Convertersin的SOT - 23

File Size 104.62K  /  8 Page

View it Online

Download Datasheet





    LT1617 LT1617-1 LT1617ES5 LT1617ES5-1 16171F LT1617ES5PBF LT1617ES5-1PBF

LINEAR TECHNOLOGY CORP
http://
LINER[Linear Technology]
Linear Technology, Corp.
Part No. LT1617 LT1617-1 LT1617ES5 LT1617ES5-1 16171F LT1617ES5PBF LT1617ES5-1PBF
OCR Text ...rated without the use of costly transformers. The LT1617's low off-time of 400ns permits the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space-conscious portable applications. , LTC and LT are regist...
Description From old datasheet system
Micropower Inverting DC/DC Converters in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40&deg;C to 125&deg;C 0.4 A SWITCHED CAPACITOR REGULATOR, PDSO5

File Size 142.97K  /  8 Page

View it Online

Download Datasheet

    LT1930 LT1930A LT1930AES5 LT1930ES5 LT1930-15 LT1930A-15

LINER[Linear Technology]
Linear Technology Corporation
Part No. LT1930 LT1930A LT1930AES5 LT1930ES5 LT1930-15 LT1930A-15
OCR Text ...g a single regulator and custom transformers. A constant frequency internally compensated current mode PWM architecture results in low, pred...inductors and capacitors to be used in a given application, but with a slight decrease in efficiency...
Description From old datasheet system
DC to DC Converter - Datasheet Reference
2.2MHz Boost DC/DC Converter in SOT-23
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
1A/ 1.2MHz/2.2MHz/ Step-Up DC/DC Converters
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT

File Size 189.08K  /  12 Page

View it Online

Download Datasheet

    SL6649-1 SL6649-I SL6649-KG SL6649-MPEF SL6649-MPES SL66491-1

ZARLINK[Zarlink Semiconductor Inc]
Part No. SL6649-1 SL6649-I SL6649-KG SL6649-MPEF SL6649-MPES SL66491-1
OCR Text ... L2 L3 L4 10H 220nH 150nH 100nH transformers T1 1:1 Transformer Primary/Secondary Inductance=200nH Miscellaneous IC1 SL6649-1 TR1 SOT-23 Transistor with f 1.3GHz (EG. ZETEX BFS 17) X1 153MHz 7th overtone crystal VC2 1.5-10pF Figure 7: P...
Description 200MHz DIRECT CONVERSION FSK DATA RECEIVER

File Size 322.91K  /  14 Page

View it Online

Download Datasheet

    DO1608-103 DO1608-223 DO1608-472 CD43-100 LT1945 LT1945EMS LQH3C100 CDRH4D18-100 CDRH4D18-4R7 LQH3C220 LQH3C4R7 CD43-4R7

Linear Technology, Corp.
Linear Technology Corporation
LINER[Linear Technology]
Part No. DO1608-103 DO1608-223 DO1608-472 CD43-100 LT1945 LT1945EMS LQH3C100 CDRH4D18-100 CDRH4D18-4R7 LQH3C220 LQH3C4R7 CD43-4R7
OCR Text ...rated without the use of costly transformers. The LT1945's low off-time of 400ns permits the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space-conscious portable applications. , LTC and LT are regist...
Description Dual Micropower DC/DC Converter with Positive and Negative Outputs 双微功率DC / DC变换器的正,负输
CONNECTOR ACCESSORY 连接器附
Dual 250mA Micropower DC/DC Converter

File Size 140.86K  /  8 Page

View it Online

Download Datasheet

    MRF154

MOTOROLA[Motorola, Inc]
Part No. MRF154
OCR Text ...er output. High power broadband transformers are also easier to design than comparable LC matching networks. EQUIVALENT TRANSISTOR PARAMETER TERMINOLOGY Collector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Emitt...
Description N-CHANNEL BROADBAND RF POWER MOSFET

File Size 160.11K  /  8 Page

View it Online

Download Datasheet

    MC13143 MC13143D

Motorola, Inc
MOTOROLA[Motorola Inc]
Part No. MC13143 MC13143D
OCR Text ...nded sources are the Toko Balun transformers type B4F, B5FL and B5F (SMD component). 6 MOTOROLA ANALOG IC DEVICE DATA MC13143 Figure 11. Circuit Side View MC13143D IF Out Mixer In Gnd Mx Lin Cont VCC Rev A LO Inp...
Description ULTRA LOW POWER DC - 2.4 GHz LINEAR MIXER

File Size 173.77K  /  8 Page

View it Online

Download Datasheet

    MAX6687 MAX6687AU40H MAX6687AU40L MAX6687AU75H MAX6687AU75L MAX6688AU40H MAX6688AU40L MAX6688AU75H MAX6688AU75L

Maxim Integrated Produc...
MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
MAXIM INTEGRATED PRODUCTS INC
Part No. MAX6687 MAX6687AU40H MAX6687AU40L MAX6687AU75H MAX6687AU75L MAX6688AU40H MAX6688AU40L MAX6688AU75H MAX6688AU75L
OCR Text ...hing regulators, inductors, and transformers. The DXP and DXN traces should be paired together and surrounded by a ground plane whenever possible. 4 _____________________________________________________________________________________...
Description    Local/Remote Temperature Switches in a μMAX Package
Local/Remote Temperature Switches in a MAX Package
Local/Remote Temperature Switches in a レMAX Package SPECIALTY ANALOG CIRCUIT, PDSO8
Local/Remote Temperature Switches in a ??AX Package

File Size 135.99K  /  7 Page

View it Online

Download Datasheet

    SA5204AD SA5204AN NE5204 NE5204A NE5204AD NE5204AN SA5204A

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. SA5204AD SA5204AN NE5204 NE5204A NE5204AD NE5204AN SA5204A
OCR Text ...umption, large component count, transformers, large packages with heat sinks, and high part cost. The NE/SA5204A solves these problems by in...inductors L1 and L2 are bondwire and lead inductances which are roughly 3nH. These improve the high-...
Description RES 110 OHM 1/10W .5% 0805 SMD 0 MHz - 350 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
Wide-band high-frequency amplifier

File Size 189.58K  /  14 Page

View it Online

Download Datasheet

For transformers inductors Found Datasheets File :: 729    Search Time::0.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of transformers inductors

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2221119403839